Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM3911PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHM3911PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM3911PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHM3911PBF_15 Datasheet HTML 1Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 2Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 3Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 4Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 5Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 6Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 7Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 8Page - International Rectifier IRFHM3911PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
IRFHM3911TRPbF
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 1, 2014
Fig 12. On– Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typical Avalanche Current vs. Pulsewidth
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
50
100
150
200
250
300
350
400
TJ = 25°C
TJ = 125°C
ID = 6.3A
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
40
80
120
160
200
ID
TOP
1.4A
2.7A
BOTTOM 6.3A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.01
0.1
1
10
100
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
Tj = 150°C and
Tstart =25°C (Single Pulse)
Duty Cycle = Single Pulse


Similar Part No. - IRFHM3911PBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFHM3911PBF INFINEON-IRFHM3911PBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
More results

Similar Description - IRFHM3911PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com