Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4041SP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS4041SP
Description  60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4041SP Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS4041SP_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PBSS4041SP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 18 October 2010
2 of 15
NXP Semiconductors
PBSS4041SP
60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1emitter TR1
2
base TR1
3emitter TR2
4
base TR2
5
collector TR2
6
collector TR2
7
collector TR1
8
collector TR1
4
5
1
8
006aaa976
8765
1234
TR1
TR2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PBSS4041SP
SO8
plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
Table 5.
Marking codes
Type number
Marking code
PBSS4041SP
4041SP
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−60
V
VCEO
collector-emitter voltage
open base
-
−60
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
-
−5.9
A
ICM
peak collector current
single pulse; tp ≤ 1ms
-
−15
A
IB
base current
-
−1A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -0.73
W
[2] -1
W
[3] -1.7
W


Similar Part No. - PBSS4041SP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
More results

Similar Description - PBSS4041SP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4041SP NEXPERIA-PBSS4041SP Datasheet
1Mb / 15P
   60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS_15 Datasheet
148Kb / 14P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
logo
Nexperia B.V. All right...
PBSS5260PAP NEXPERIA-PBSS5260PAP Datasheet
751Kb / 17P
   60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS5160PAP NXP-PBSS5160PAP Datasheet
276Kb / 17P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
23 January 2013
PBSS5260PAP NXP-PBSS5260PAP Datasheet
254Kb / 17P
   60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5160DS NXP-PBSS5160DS Datasheet
141Kb / 14P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
logo
Nexperia B.V. All right...
PBSS5160DS NEXPERIA-PBSS5160DS Datasheet
263Kb / 15P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03 - 9 October 2008
PBSS5160PAP NEXPERIA-PBSS5160PAP Datasheet
751Kb / 17P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
23 January 2013
PBSS5160PAPS NEXPERIA-PBSS5160PAPS Datasheet
763Kb / 19P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS304PX NXP-PBSS304PX Datasheet
218Kb / 15P
   60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com