Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4130PAN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS4130PAN
Description  30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4130PAN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS4130PAN_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NXP Semiconductors
PBSS4130PAN
30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
PBSS4130PAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
11 January 2013
8 / 17
006aac611
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
FR4 PCB 70 µm, mounting pad for collector 1 cm2
Fig. 7. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aad170
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
4-layer PCB 70 µm, standard footprint
Fig. 8. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values


Similar Part No. - PBSS4130PAN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
More results

Similar Description - PBSS4130PAN_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4130PAN NEXPERIA-PBSS4130PAN Datasheet
752Kb / 17P
   30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
11 January 2013
logo
NXP Semiconductors
PBSS4130PAN NXP-PBSS4130PAN Datasheet
276Kb / 17P
   30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
11 January 2013
logo
Nexperia B.V. All right...
PBSS4130QA NEXPERIA-PBSS4130QA Datasheet
743Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
NXP Semiconductors
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4130T NEXPERIA-PBSS4130T Datasheet
169Kb / 8P
   30 V, 1 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4130T PHILIPS-PBSS4130T Datasheet
49Kb / 7P
   30 V, 1 A NPN low VCEsat (BISS) transistor
2003 Nov 27
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4230PAN NEXPERIA-PBSS4230PAN Datasheet
752Kb / 17P
   30 V, 2 A NPN/NPN low VCEsat (BISS) transistor
14 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com