Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4130PAN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS4130PAN
Description  30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4130PAN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS4130PAN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4130PAN_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NXP Semiconductors
PBSS4130PAN
30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
PBSS4130PAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
11 January 2013
10 / 17
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC = 500 mA; IB = 50 mA; Tamb = 25 °C
-
-
1
V
IC = 1 A; IB = 50 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.1
V
VBEsat
base-emitter saturation
voltage
IC = 1 A; IB = 100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.1
V
VBEon
base-emitter turn-on
voltage
VCE = 2 V; IC = 0.5 A; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
0.9
V
td
delay time
-
15
-
ns
tr
rise time
-
30
-
ns
ton
turn-on time
-
45
-
ns
ts
storage time
-
310
-
ns
tf
fall time
-
55
-
ns
toff
turn-off time
VCC = 10 V; IC = 500 mA; IBon = 25 mA;
IBoff = -25 mA; Tamb = 25 °C
-
365
-
ns
fT
transition frequency
VCE = 10 V; IC = 50 mA; f = 100 MHz;
Tamb = 25 °C
90
165
-
MHz
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
7.5
10
pF
006aad172
200
400
600
hFE
0
IC (mA)
10-1
104
103
1
102
10
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 10. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
4
2
3
1
006aad173
0.8
1.2
0.4
1.6
2.0
IC
(A)
0
IB = 10 mA
9
8
7
6
5
4
3
2
1
Tamb = 25 °C
Fig. 11. Collector current as a function of collector-
emitter voltage; typical values


Similar Part No. - PBSS4130PAN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
More results

Similar Description - PBSS4130PAN_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4130PAN NEXPERIA-PBSS4130PAN Datasheet
752Kb / 17P
   30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
11 January 2013
logo
NXP Semiconductors
PBSS4130PAN NXP-PBSS4130PAN Datasheet
276Kb / 17P
   30 V, 1 A NPN/NPN low VCEsat (BISS) transistor
11 January 2013
logo
Nexperia B.V. All right...
PBSS4130QA NEXPERIA-PBSS4130QA Datasheet
743Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
NXP Semiconductors
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4130T NEXPERIA-PBSS4130T Datasheet
169Kb / 8P
   30 V, 1 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4130T PHILIPS-PBSS4130T Datasheet
49Kb / 7P
   30 V, 1 A NPN low VCEsat (BISS) transistor
2003 Nov 27
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4230PAN NEXPERIA-PBSS4230PAN Datasheet
752Kb / 17P
   30 V, 2 A NPN/NPN low VCEsat (BISS) transistor
14 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com