Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM4231PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFHM4231PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM4231PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFHM4231PBF Datasheet HTML 1Page - International Rectifier IRFHM4231PBF Datasheet HTML 2Page - International Rectifier IRFHM4231PBF Datasheet HTML 3Page - International Rectifier IRFHM4231PBF Datasheet HTML 4Page - International Rectifier IRFHM4231PBF Datasheet HTML 5Page - International Rectifier IRFHM4231PBF Datasheet HTML 6Page - International Rectifier IRFHM4231PBF Datasheet HTML 7Page - International Rectifier IRFHM4231PBF Datasheet HTML 8Page - International Rectifier IRFHM4231PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFHM4231TRPbF
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 5, 2014
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by package
Fig 8. Maximum Safe Operating Area
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 9. Maximum Drain Current vs. Case Temperature
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.6
1.0
1.4
1.8
2.2
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0mA
Fig 10. Drain-to-Source Breakdown Voltage
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
Limited by package


Similar Part No. - IRFHM4231PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFHM4231PBF INFINEON-IRFHM4231PBF Datasheet
522Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
More results

Similar Description - IRFHM4231PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com