Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0430D12F Datasheet(PDF) 6 Page - AZ Displays

Part # ATM0430D12F
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0430D12F Datasheet(HTML) 6 Page - AZ Displays

Back Button ATM0430D12F Datasheet HTML 2Page - AZ Displays ATM0430D12F Datasheet HTML 3Page - AZ Displays ATM0430D12F Datasheet HTML 4Page - AZ Displays ATM0430D12F Datasheet HTML 5Page - AZ Displays ATM0430D12F Datasheet HTML 6Page - AZ Displays ATM0430D12F Datasheet HTML 7Page - AZ Displays ATM0430D12F Datasheet HTML 8Page - AZ Displays ATM0430D12F Datasheet HTML 9Page - AZ Displays ATM0430D12F Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ATM0430D12F(AZ DISPLAYS) TFT MODULE V1.0
AZ DISPLAYS
5
3. Operating Specification
3.1.1 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Values
Unit
Remark
Min.
Max.
Power Voltage
VDD
-0.3
5.0
V
Operation Temperature
TOP
-20
70
ºC
Storage Temperature
TST
-30
80
ºC
LED Reverse Voltage
VR
-1.2
V
Each LED
Note 2
LED Forward Current
IF
25
mA
Each LED
Note 1
: The absolute maximum rating values of this product are not allowed to be exceeded
at any times. Should a module be used with any of the absolute maximum ratings
exceeded, the characteristics of the module may not be recovered, or in an extreme
case, the module may be permanently destroyed.
Note 2
: VR Conditions: Zener Diode 20mA
3.1.2 Typical Operation Conditions
Item
Symbol
Values
Unit
Remark
Min.
Typ.
Max.
Power Voltage
VDD
2.7
3.3
3.6
V
Note 1
Input Logic High Voltage
VIH
0.7DVDD
--
DVDD
VNote 2
Input Logic Low Voltage
VIL
0--
0.3DVDD
VNote 2
Note 1
: VDD setting should match the signals output voltage of customer’s system board.
Note 2
: DCLK,HS,VS,RESET,DE,R0~R5,G0~G5,B0~B5,.
3.1.3 Backlight driving conditions
Item
Symbol
Values
Unit
Remark
Min.
Typ.
Max.
Voltage for LED Backlight
VL
25.2
27.9
31.5
V
Note 1
Current for LED Backlight
IL
18
20
22
mA
LED life time
--
20000
--
--
Hr
Note 2
Note 1
: The LED Supply Voltage is defined by the number of LED at Ta=25℃ and IL =20mA.
Note 2
: The “LED life time” is defined as the module brightness decrease to 50% original brightness at
Ta=25℃ and IL =20mA.


Similar Part No. - ATM0430D12F

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0430D12F-T AZDISPLAYS-ATM0430D12F-T Datasheet
416Kb / 19P
   Definition of Response time
More results

Similar Description - ATM0430D12F

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com