Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ303CD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUJ303CD
Description  NPN power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ303CD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUJ303CD_15 Datasheet HTML 4Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 5Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 6Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 7Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 8Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 9Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 10Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 11Page - NXP Semiconductors BUJ303CD_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BUJ303CD
NPN power transistor
BUJ303CD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
8 November 2012
8 / 13
003aag652
VBEsat
(V)
IC (A)
10-1
10
1
0.6
0.8
0.2
0.4
1.0
1.2
1.4
0
Fig. 11. Base-emitter saturation voltage as a function of
collector current; typical values
003aag653
IC (A)
10-2
10
1
10-1
10
102
hFE
1
VCE = 3 V
Fig. 12. DC current gain as a function of collector
current; typical values
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
Fig. 13. Test circuit for resistive load switching
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
t
t
IBon
- IBoff
ICon
tr ≤ 30 ns
Fig. 14. Switching times waveforms for resistive load


Similar Part No. - BUJ303CD_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BUJ303CD WEEN-BUJ303CD Datasheet
295Kb / 13P
   NPN power transistor
More results

Similar Description - BUJ303CD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com