Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0430D16-T Datasheet(PDF) 7 Page - AZ Displays

Part # ATM0430D16-T
Description  Normally white,Transmissive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0430D16-T Datasheet(HTML) 7 Page - AZ Displays

Back Button ATM0430D16-T Datasheet HTML 3Page - AZ Displays ATM0430D16-T Datasheet HTML 4Page - AZ Displays ATM0430D16-T Datasheet HTML 5Page - AZ Displays ATM0430D16-T Datasheet HTML 6Page - AZ Displays ATM0430D16-T Datasheet HTML 7Page - AZ Displays ATM0430D16-T Datasheet HTML 8Page - AZ Displays ATM0430D16-T Datasheet HTML 9Page - AZ Displays ATM0430D16-T Datasheet HTML 10Page - AZ Displays ATM0430D16-T Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ATM0430D16-T(
AZ DISPLAYS) TFT MODULE V1.0
AZ DISPLAYS
6
3. Operating Specification
3.1 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Values
Unit
Remark
Min.
Max.
Power Voltage
VDD
-0.3
5.0
V
Operation Temperature
TOP
-20
70
ºC
Storage Temperature
TST
-30
80
ºC
LED Reverse Voltage
VR
-1.2
V
Each LED
Note 2
LED Forward Current
IF
25
mA
Each LED
Note 1
: The absolute maximum rating values of this product are not allowed to be exceeded
at any times. Should a module be used with any of the absolute maximum ratings
exceeded, the characteristics of the module may not be recovered, or in an extreme
case, the module may be permanently destroyed.
Note 2
: VR Conditions: Zener Diode 20mA
3.1.1 Typical Operation Conditions
Item
Symbol
Values
Unit
Remark
Min.
Typ.
Max.
Power Voltage
VDD
2.7
3.3
3.6
V
Note 1
Input Logic High Voltage
VIH
0.7DVDD
--
DVDD
VNote 2
Input Logic Low Voltage
VIL
0--
0.3DVDD
VNote 2
Note 1
: VDD setting should match the signals output voltage of customer’s system board.
Note 2
: DCLK,HS,VS,RESET,DE,R0~R5,G0~G5,B0~B5,.
3.1.2 Backlight driving conditions
Item
Symbol
Values
Unit
Remark
Min.
Typ.
Max.
Voltage for LED Backlight
VL
8.4
9.3
10.5
V
Note 1
Current for LED Backlight
IL
--
40
--
mA
LED life time
--
50000
--
--
Hr
Note 2
Note 1
: The LED Supply Voltage is defined by the number of LED at Ta=25℃ and IL =40mA.
Note 2
: The “LED life time” is defined as the module brightness decrease to 50% original brightness at
Ta=25℃ and IL =40mA.
K
A


Similar Part No. - ATM0430D16-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D16-CT AZDISPLAYS-ATM0430D16-CT Datasheet
445Kb / 19P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0430D16-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D19AF AZDISPLAYS-ATM0430D19AF Datasheet
391Kb / 18P
   Normally white , Transmissive
ATM0430D19A-T AZDISPLAYS-ATM0430D19A-T Datasheet
500Kb / 19P
   Normally white , Transmissive
logo
Kyocera Kinseki Corpota...
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
   Transmissive and Normally white type 3.2??TFT LCD module
TVL-55738GD032J-LW-G-AAN KSS-TVL-55738GD032J-LW-G-AAN Datasheet
860Kb / 25P
   Transmissive and Normally white type 3.2??a-Si TFT LCD Module
TVL-55730GD035JU-LW-G-ABN KSS-TVL-55730GD035JU-LW-G-ABN Datasheet
1Mb / 33P
   Transmissive and Normally white type 3.5??a-Si color TFT LCD Module
logo
Hantronix,Inc
HDA570V-GH HANTRONIX-HDA570V-GH_15 Datasheet
111Kb / 3P
   5.7 VGA, TFT Transmissive Color White LED Backlight
HDA570VT-V HANTRONIX-HDA570VT-V Datasheet
158Kb / 4P
   5.7, VGA, TFT, Transmissive Color, White LED Backlight
HDA500V HANTRONIX-HDA500V_15 Datasheet
62Kb / 3P
   5 WVGA(800X480) TFT Transmissive Color White LED Backlight
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
   4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
HDA430M HANTRONIX-HDA430M_15 Datasheet
56Kb / 1P
   4.3 480x3x272 TFT Transmissive Monochrome Landscape White LED Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com