Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0430D16-T Datasheet(PDF) 9 Page - AZ Displays

Part # ATM0430D16-T
Description  Normally white,Transmissive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0430D16-T Datasheet(HTML) 9 Page - AZ Displays

Back Button ATM0430D16-T Datasheet HTML 5Page - AZ Displays ATM0430D16-T Datasheet HTML 6Page - AZ Displays ATM0430D16-T Datasheet HTML 7Page - AZ Displays ATM0430D16-T Datasheet HTML 8Page - AZ Displays ATM0430D16-T Datasheet HTML 9Page - AZ Displays ATM0430D16-T Datasheet HTML 10Page - AZ Displays ATM0430D16-T Datasheet HTML 11Page - AZ Displays ATM0430D16-T Datasheet HTML 12Page - AZ Displays ATM0430D16-T Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AZ DISPLAYS
8
ATM0430D16-T(
AZ DISPLAYS) TFT MODULE V1.0 4.0
OPTICAL SPECIFICATIONS
Item
Symbol
Condition
Values
Unit
Remark
Min.
Typ.
Max.
Viewing Angle
(CR
10)
θL
Φ=180o(9 O'CLOCK)
60
70
--
degree
Note 1
θR
Φ=0o(3 O'CLOCK)
60
70
--
θT
Φ=90o(12 O'CLOCK)
60
70
--
θB
Φ=270o(6 O'CLOCK)
40
50
--
Response Time
TON + TOFF
Normal
Θ=Φ=0o
--
25
50
msec
Note 3
Contrast Ratio
CR
400
500
--
--
Note 4
Color Chromaticity
WX
0.26
0.31
0.36
--
Note 2
Note 5
Note 6
WY
0.28
0.33
0.38
--
Luminance
L
200
250
--
cd/m2
Note 6
Luminance Uniformity
YU
75
80
--
%
Note 7
Test Conditions:
1. VDD=3.3V, IL=40mA (Backlight current), the ambient temperature is 25℃.
2. The test systems refer to Note 2.
Note 1
: Definition of viewing angle range
Figure 4.1 Definition of viewing angle.


Similar Part No. - ATM0430D16-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D16-CT AZDISPLAYS-ATM0430D16-CT Datasheet
445Kb / 19P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0430D16-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D19AF AZDISPLAYS-ATM0430D19AF Datasheet
391Kb / 18P
   Normally white , Transmissive
ATM0430D19A-T AZDISPLAYS-ATM0430D19A-T Datasheet
500Kb / 19P
   Normally white , Transmissive
logo
Kyocera Kinseki Corpota...
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
   Transmissive and Normally white type 3.2??TFT LCD module
TVL-55738GD032J-LW-G-AAN KSS-TVL-55738GD032J-LW-G-AAN Datasheet
860Kb / 25P
   Transmissive and Normally white type 3.2??a-Si TFT LCD Module
TVL-55730GD035JU-LW-G-ABN KSS-TVL-55730GD035JU-LW-G-ABN Datasheet
1Mb / 33P
   Transmissive and Normally white type 3.5??a-Si color TFT LCD Module
logo
Hantronix,Inc
HDA570V-GH HANTRONIX-HDA570V-GH_15 Datasheet
111Kb / 3P
   5.7 VGA, TFT Transmissive Color White LED Backlight
HDA570VT-V HANTRONIX-HDA570VT-V Datasheet
158Kb / 4P
   5.7, VGA, TFT, Transmissive Color, White LED Backlight
HDA500V HANTRONIX-HDA500V_15 Datasheet
62Kb / 3P
   5 WVGA(800X480) TFT Transmissive Color White LED Backlight
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
   4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
HDA430M HANTRONIX-HDA430M_15 Datasheet
56Kb / 1P
   4.3 480x3x272 TFT Transmissive Monochrome Landscape White LED Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com