Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A5028F Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A5028F
Description  50 Ohms Input and Output Matched
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5028F Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A5028F Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5028F Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5028F Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5028F Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE15A5028F REV
43 dB Gain, 25 Watt Psat, 0.15 MHz to 230 MHz, High
Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5028F CAD Drawing


Similar Part No. - PE15A5028F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
   IP3 48 dBm typ
More results

Similar Description - PE15A5028F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5031 PASTERNACK-PE15A5031 Datasheet
694Kb / 7P
   50 Ohms Input and Output Matched
PE15A5033 PASTERNACK-PE15A5033 Datasheet
701Kb / 8P
   50 Ohms Input and Output Matched
PE15A5031F PASTERNACK-PE15A5031F Datasheet
782Kb / 8P
   50 Ohms Input and Output Matched
PE15A5035 PASTERNACK-PE15A5035 Datasheet
669Kb / 7P
   50 Ohms Input and Output Matched
PE15A5032 PASTERNACK-PE15A5032 Datasheet
1Mb / 8P
   50 Ohms Input and Output Matched
PE15A5016 PASTERNACK-PE15A5016 Datasheet
536Kb / 6P
   50 Ohms Input and Output Matched
PE15A5034 PASTERNACK-PE15A5034 Datasheet
792Kb / 7P
   50 Ohms Input and Output Matched
PE15A5019 PASTERNACK-PE15A5019 Datasheet
732Kb / 7P
   50 Ohms Input and Output Matched
logo
Advanced Semiconductor
PDFP1000-1215 ASI-PDFP1000-1215 Datasheet
1Mb / 5P
   Input and Output Matched to 50 Ohms
logo
Pasternack Enterprises,...
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com