Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0430D19A-T Datasheet(PDF) 5 Page - AZ Displays

Part # ATM0430D19A-T
Description  Normally white , Transmissive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0430D19A-T Datasheet(HTML) 5 Page - AZ Displays

  ATM0430D19A-T Datasheet HTML 1Page - AZ Displays ATM0430D19A-T Datasheet HTML 2Page - AZ Displays ATM0430D19A-T Datasheet HTML 3Page - AZ Displays ATM0430D19A-T Datasheet HTML 4Page - AZ Displays ATM0430D19A-T Datasheet HTML 5Page - AZ Displays ATM0430D19A-T Datasheet HTML 6Page - AZ Displays ATM0430D19A-T Datasheet HTML 7Page - AZ Displays ATM0430D19A-T Datasheet HTML 8Page - AZ Displays ATM0430D19A-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ATM0430D19A-T(AZ DISPLAYS) TFT MODULE V1.0
AZ DISPLAYS
4
2. PIN ASSIGNMENT
TFT LCD Panel Driving Section
FPC Connector is used for the module electronics interface. The recommended model is
“FH19SC-45S-0.5SH" manufactured by Hirose.
Pin No.
Symbol
Function
Level
Note
1~2
GND
Ground
--
3
VDD
Power supply
--
4
/RESET
Reset pin
I
5~12
R0~R7
Red data
I
13~20
G0~G7
Green data
I
21~28
B0~B7
Blue data
I
29
PCLK
Clock for Input Data
30
DISP
Display On/Off
I
31
HSYNC
Horizontal sync
I
32
VSYNC
Vertical sync
I
33
DE
Data enable
I
34
UD
Shift direction selection signal
(UD=H: Up-->Down, UD=L: Down-
->Up)
I
35
LR
Scan direction selection signal
(LR=H: Left-->Right, LR=L: Right--
>Left)
I
36
/CS
Chip select pin of serial interface.
Leave it OPEN when not used.
I
37
SCL
Serial clock input pin. Leave it
OPEN when not used.
I
38
SDI
Serial input signal. Leave it OPEN
when not used.
I
39
SDO
Serial output signal. Leave it
OPEN when not used.
O
40
XR
Touch panel right
I
41
YD
Touch panel bottom
I
42
XL
Touch panel left
I
43
YU
Touch panel top
I
44
K
Power for LED backlight(Cathode)
--
45
A
Power for LED backlight(Anode)
--
I: input, O: output, P: Power


Similar Part No. - ATM0430D19A-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D19A AZDISPLAYS-ATM0430D19A Datasheet
572Kb / 18P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0430D19AF AZDISPLAYS-ATM0430D19AF Datasheet
391Kb / 18P
   Normally white , Transmissive
More results

Similar Description - ATM0430D19A-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0430D19AF AZDISPLAYS-ATM0430D19AF Datasheet
391Kb / 18P
   Normally white , Transmissive
ATM0430D16-T AZDISPLAYS-ATM0430D16-T Datasheet
604Kb / 19P
   Normally white,Transmissive
logo
Kyocera Kinseki Corpota...
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
   Transmissive and Normally white type 3.2??TFT LCD module
TVL-55738GD032J-LW-G-AAN KSS-TVL-55738GD032J-LW-G-AAN Datasheet
860Kb / 25P
   Transmissive and Normally white type 3.2??a-Si TFT LCD Module
TVL-55730GD035JU-LW-G-ABN KSS-TVL-55730GD035JU-LW-G-ABN Datasheet
1Mb / 33P
   Transmissive and Normally white type 3.5??a-Si color TFT LCD Module
logo
Hantronix,Inc
HDA570V-GH HANTRONIX-HDA570V-GH_15 Datasheet
111Kb / 3P
   5.7 VGA, TFT Transmissive Color White LED Backlight
HDA570VT-V HANTRONIX-HDA570VT-V Datasheet
158Kb / 4P
   5.7, VGA, TFT, Transmissive Color, White LED Backlight
HDA500V HANTRONIX-HDA500V_15 Datasheet
62Kb / 3P
   5 WVGA(800X480) TFT Transmissive Color White LED Backlight
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
   4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
HDA430M HANTRONIX-HDA430M_15 Datasheet
56Kb / 1P
   4.3 480x3x272 TFT Transmissive Monochrome Landscape White LED Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com