Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0500D12-T Datasheet(PDF) 9 Page - AZ Displays

Part # ATM0500D12-T
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0500D12-T Datasheet(HTML) 9 Page - AZ Displays

Back Button ATM0500D12-T Datasheet HTML 5Page - AZ Displays ATM0500D12-T Datasheet HTML 6Page - AZ Displays ATM0500D12-T Datasheet HTML 7Page - AZ Displays ATM0500D12-T Datasheet HTML 8Page - AZ Displays ATM0500D12-T Datasheet HTML 9Page - AZ Displays ATM0500D12-T Datasheet HTML 10Page - AZ Displays ATM0500D12-T Datasheet HTML 11Page - AZ Displays ATM0500D12-T Datasheet HTML 12Page - AZ Displays ATM0500D12-T Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATM0500D12-T(AZ DISPLAYS)TFT MODULE V1.0
AZ DISPLAYS
8
4.0 OPTICAL SPECIFICATIONS
Item
Symbol
Condition
Values
Unit
Remark
Min.
Typ.
Max.
Viewing Angle
(CR
10)
θL
Φ=180o(9 O'CLOCK)
60
70
--
degree
Note 1
θR
Φ=0o(3 O'CLOCK)
60
70
--
θT
Φ=90o(12 O'CLOCK)
60
70
--
θB
Φ=270o(6 O'CLOCK)
40
50
--
Response Time
TON + TOFF
Normal
Θ=Φ=0o
--
25
50
msec
Note 3
Contrast Ratio
CR
400
800
--
--
Note 4
Color Chromaticity
WX
0.26
0.31
0.36
--
Note 2
Note 5
Note 6
WY
0.28
0.33
0.38
--
Luminance
L
220
280
--
cd/m2
Note 6
Luminance Uniformity
YU
75
80
--
%
Note 7
Test Conditions:
1. IL=40mA (Backlight current), the ambient temperature is 25℃.
2. The test systems refer to Note 2.
Note 1
: Definition of viewing angle range
Figure 4.1 Definition of viewing angle.


Similar Part No. - ATM0500D12-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D12 AZDISPLAYS-ATM0500D12 Datasheet
352Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0500D12-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com