Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI4321PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFI4321PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI4321PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFI4321PBF Datasheet HTML 1Page - International Rectifier IRFI4321PBF Datasheet HTML 2Page - International Rectifier IRFI4321PBF Datasheet HTML 3Page - International Rectifier IRFI4321PBF Datasheet HTML 4Page - International Rectifier IRFI4321PBF Datasheet HTML 5Page - International Rectifier IRFI4321PBF Datasheet HTML 6Page - International Rectifier IRFI4321PBF Datasheet HTML 7Page - International Rectifier IRFI4321PBF Datasheet HTML 8Page - International Rectifier IRFI4321PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFI4321PbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.85mH
RG = 25Ω, IAS = 20A, VGS =10V. Part not recommended for use
above this value.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
190
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12.2
16
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
1.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
0.8
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
50
–––
–––
S
Qg
Total Gate Charge
–––
73
110
nC
Qgs
Gate-to-Source Charge
–––
24
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
20
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
29
–––
td(off)
Turn-Off Delay Time
–––
27
–––
tf
Fall Time
–––
20
–––
Ciss
Input Capacitance
–––
4440
–––
pF
Coss
Output Capacitance
–––
390
–––
Crss
Reverse Transfer Capacitance
–––
84
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
34
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
140
A
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
86
130
ns
ID = 20A
Qrr
Reverse Recovery Charge
–––
310
470
nC VR = 128V,
IRRM
Reverse Recovery Current
–––
6.7
–––
A
di/dt = 100A/µs
e
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V
e
VDD = 75V
TJ = 25°C, IS = 20A, VGS = 0V
e
integral reverse
p-n junction diode.
showing the
ID = 20A
RG = 2.5Ω
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
e
VGS = 10V, ID = 20A
e
VDS = VGS, ID = 250µA
VDS = 150V, VGS = 0V
VDS = 150V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 75V
Conditions
VGS = 10V
e
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
Conditions
VDS = 50V, ID = 20A
ID = 20A
VGS = 20V
VGS = -20V


Similar Part No. - IRFI4321PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI4321PBF IRF-IRFI4321PBF Datasheet
281Kb / 8P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
More results

Similar Description - IRFI4321PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com