Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1202S-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SB1202S-E
Description  Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1202S-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SB1202S-E Datasheet HTML 1Page - ON Semiconductor 2SB1202S-E Datasheet HTML 2Page - ON Semiconductor 2SB1202S-E Datasheet HTML 3Page - ON Semiconductor 2SB1202S-E Datasheet HTML 4Page - ON Semiconductor 2SB1202S-E Datasheet HTML 5Page - ON Semiconductor 2SB1202S-E Datasheet HTML 6Page - ON Semiconductor 2SB1202S-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1202/2SD1802
No.2113-3/7
--5
--4
--3
--2
--1
2SB1202
2SD1802
IB=0
10mA
20mA
100mA
80mA
60mA
40mA
5mA
ITR09163
0
0
--2.0
--1.6
--0.4
--0.8
--1.2
--200mA
--100mA
--10mA
--50mA
--20mA
--5mA
IB=0
ITR09162
5
4
3
2
1
0
0
0.8
2.0
0.4
1.2
1.6
Ta=75
°C
--25
°C
25
°C
Ta=75°C
--25°C
25
°C
ITR09168
100
1000
5
7
3
2
5
7
100
1000
5
7
5
7
3
2
0.01
0.1
1.0
--1.0
--0.1
3
25
57
3
25
7
3
25
7
3
25
3
25
7
3
25
57
7
--0.01
ITR09169
2SB1202
VCE= --2V
2SD1802
VCE=2V
2SB1202
VCE= --2V
--3.6
--3.2
--2.8
--2.0
--2.4
--1.2
--0.8
--1.6
--0.4
0
3.6
3.2
2.8
0.4
1.2
0.8
2.4
2.0
1.6
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
ITR09166
2SD1802
VCE=2V
0
0.2
0.4
0.6
0.8
1.2
1.0
ITR09167
--2.0
--1.6
--1.2
--0.8
--0.4
2SB1202
2SD1802
IB=0
8mA
7mA
2mA
1mA
4mA
3mA
6mA
5mA
ITR09165
0
0
--20
--16
--4
--8
--12
--10mA
--12mA
--14mA
--2mA
--6mA
--8mA
--4mA
IB=0
ITR09164
2.0
1.6
1.2
0.8
0.4
0
08
20
412
16
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A


Similar Part No. - 2SB1202S-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1202S-E ONSEMI-2SB1202S-E Datasheet
100Kb / 7P
   Bipolar Transistor
September, 2013
2SB1202S-E ONSEMI-2SB1202S-E Datasheet
215Kb / 8P
   Bipolar Transistor
March, 2019 ??Rev. 0
logo
Sanyo Semicon Device
2SB1202S-E SANYO-2SB1202S-E Datasheet
500Kb / 10P
   High-Current Switching Applications
2SB1202S-ETP SANYO-2SB1202S-ETP Datasheet
500Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1202S-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com