Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG12GCS23 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG12GCS23
Description  Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG12GCS23 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG12GCS23_15 Datasheet HTML 1Page - KEC(Korea Electronics) PG12GCS23_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG12GCS23
TVS Diode Array for ESD
Protection in Portable Electronics
Revision No : 0
Protection in Portable Electronics Applications.
FEATURES
・350 Watts peak pulse power (tp=8/20μs)
・Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 15A(tp=8/20
μs)
・Standard SOT-23 Package.
・Protects one Bidirectional line or two Unidirectional Lines.
・Low clamping voltage.
・Low leakage current.
APPLICATIONS
・Cell phone handsets and accessories.
・Microprocessor based equipment.
・Industrial Controls.
・Personal digital assistants (PDA s)
・Notebooks, desktops PC, & servers.
・Portable instrumentation.
・Set-Top Box, DVD Player.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. ANODE 1
2. ANODE 2
3. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20
μs)
PPK
350
W
Peak Pulse Current (tp=8/20
μs)
IPP
15
A
Operating Temperature
Tj
-55
~150
Storage Temperature
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
12
V
Reverse Breakdown Voltage
VBR
It=1mA
13.3
-
-
V
Reverse Leakage Current
IR
VRWM=12V
-
-
0.1
μA
Clamping Voltage
VC
IPP=15A, tp=8/20μ
s
-
-
25
V
Junction Capacitance
CJ
VR=0V, f=1MHz
Pin 3 to 1 and Pin 3 to 2
-
-
120
pF


Similar Part No. - PG12GCS23_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG12GCS23 KEC-PG12GCS23 Datasheet
409Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
More results

Similar Description - PG12GCS23_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
   Protection in Portable Electronics
PG05DXTE6 KEC-PG05DXTE6_15 Datasheet
350Kb / 2P
   Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC_15 Datasheet
532Kb / 2P
   Protection in Portable Electronics
PG05GBUSV KEC-PG05GBUSV_15 Datasheet
37Kb / 2P
   Protection in Portable Electronics
PG05HBTS6 KEC-PG05HBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
PG05HXTS6 KEC-PG05HXTS6_15 Datasheet
587Kb / 2P
   Protection in Portable Electronics
PG15FBUSC KEC-PG15FBUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG15GSUSC KEC-PG15GSUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG24FBTS6 KEC-PG24FBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_15 Datasheet
464Kb / 2P
   Protection in Portable Electronics
PG03EAESM KEC-PG03EAESM_15 Datasheet
351Kb / 2P
   Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com