Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1805 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2SD1805
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1805 Datasheet(HTML) 6 Page - ON Semiconductor

  2SD1805 Datasheet HTML 1Page - ON Semiconductor 2SD1805 Datasheet HTML 2Page - ON Semiconductor 2SD1805 Datasheet HTML 3Page - ON Semiconductor 2SD1805 Datasheet HTML 4Page - ON Semiconductor 2SD1805 Datasheet HTML 5Page - ON Semiconductor 2SD1805 Datasheet HTML 6Page - ON Semiconductor 2SD1805 Datasheet HTML 7Page - ON Semiconductor 2SD1805 Datasheet HTML 8Page - ON Semiconductor 2SD1805 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SD1805
No.2115-6/9
Outline Drawing
Land Pattern Example
2SD1805F-TL-E, 2SD1805G-TL-E
Mass (g) Unit
0.282
* For reference mm
Unit: mm
7.0
1.5
2.3
2.3


Similar Part No. - 2SD1805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1805 SANYO-2SD1805 Datasheet
88Kb / 3P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SD1805 ISC-2SD1805 Datasheet
331Kb / 3P
   isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SD1805-E KEXIN-2SD1805-E Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-F KEXIN-2SD1805-F Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-G KEXIN-2SD1805-G Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1805

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com