Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN7359A Datasheet(PDF) 2 Page - ON Semiconductor

Part # EN7359A
Description  Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7359A Datasheet(HTML) 2 Page - ON Semiconductor

  EN7359A Datasheet HTML 1Page - ON Semiconductor EN7359A Datasheet HTML 2Page - ON Semiconductor EN7359A Datasheet HTML 3Page - ON Semiconductor EN7359A Datasheet HTML 4Page - ON Semiconductor EN7359A Datasheet HTML 5Page - ON Semiconductor EN7359A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30A02MH
No.7359-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --30V, IE=0A
--100
nA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--100
nA
DC Current Gain
hFE
VCE= --2V, IC= --10mA
200
500
Gain-Bandwidth Product
fT
VCE= --10V, IC= --50mA
520
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
4.7
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= --200mA, IB= --10mA
--110
--220
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= --200mA, IB= --10mA
--0.9
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= --10μA, IC=0A
--5
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
125
ns
Fall Time
tf
25
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
30A02MH-TL-E
MCPH3
3,000pcs./reel
Pb Free
30A02MH-TL-H
MCPH3
3,000pcs./reel
Pb Free and Halogen Free
VR
RB
VCC= --12V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
220μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2= --300mA
0
0
--200
--100
IC -- VCE
IT05049
IT05050
--400
--300
--600
--500
--700
--200
--600
--400
--800
--1000
--100
--500
--300
--700
--900
0
0
IC -- VBE
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--200
--800
--500
--700
--400
--300
--600
--100
IB=0
--500
μA
--1mA
--2mA
--5mA
--3mA
--7mA
--10mA
--15mA
--30mA
--20mA
--25mA
VCE= --2V
Collector-to-Emitter Voltage, VCE -- mV
Base-to-Emitter Voltage, VBE -- V


Similar Part No. - EN7359A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7353B ONSEMI-EN7353B Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
logo
Sanyo Semicon Device
EN7354B SANYO-EN7354B Datasheet
471Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
EN7354B ONSEMI-EN7354B Datasheet
368Kb / 6P
   nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results

Similar Description - EN7359A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com