Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1837A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1837A
Description  Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1837A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1837A Datasheet HTML 1Page - ON Semiconductor ENA1837A Datasheet HTML 2Page - ON Semiconductor ENA1837A Datasheet HTML 3Page - ON Semiconductor ENA1837A Datasheet HTML 4Page - ON Semiconductor ENA1837A Datasheet HTML 5Page - ON Semiconductor ENA1837A Datasheet HTML 6Page - ON Semiconductor ENA1837A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AML2002
No. A1837-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.35A, IB=35mA
125
220
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.35A, IB=35mA
0.82
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
220
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
8
V
Turn-On Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
2
μs
Fall Time
tf
70
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
AML2002
TO-126ML
200pcs./bag
Pb Free
RB
VCC=100V
IC=10IB1= --10IB2=0.3A
+
50Ω
INPUT
OUTPUT
RL
820μF
PW=50μs
IB1
D.C.1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT15964
0
1.0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.9
0.7
0
0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.8
0.9
1.0
IB=0mA
2mA
4mA
6mA
8mA
10mA
20mA
30mA
40mA
50mA
60mA
80mA
IT15965
010
1
456789
3
2
0
0.02
0.14
0.12
0.10
0.08
0.06
0.04
0.16
0.18
0.20
IB=0μA
200
μA
100
μA
300
μA
400
μA
500
μA
100mA
600
μA
700
μA


Similar Part No. - ENA1837A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1832A SANYO-ENA1832A Datasheet
348Kb / 6P
   Ultrahigh-Speed Switching Diode
ENA1833C SANYO-ENA1833C Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
ENA1835A ONSEMI-ENA1835A Datasheet
180Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA1836B ONSEMI-ENA1836B Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
logo
Sanyo Semicon Device
ENA1839A SANYO-ENA1839A Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Similar Description - ENA1837A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
   Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com