Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848BWT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC848BWT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848BWT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BC848BWT1G Datasheet HTML 1Page - ON Semiconductor BC848BWT1G Datasheet HTML 2Page - ON Semiconductor BC848BWT1G Datasheet HTML 3Page - ON Semiconductor BC848BWT1G Datasheet HTML 4Page - ON Semiconductor BC848BWT1G Datasheet HTML 5Page - ON Semiconductor BC848BWT1G Datasheet HTML 6Page - ON Semiconductor BC848BWT1G Datasheet HTML 7Page - ON Semiconductor BC848BWT1G Datasheet HTML 8Page - ON Semiconductor BC848BWT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 12
1
Publication Order Number:
BC846AWT1/D
BC846, BC847, BC848
General Purpose
Transistors
NPN Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SC−70/SOT−323 which is
designed for low power surface mount applications.
Features
S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
65
45
30
V
Collector-Base Voltage
BC846
BC847
BC848
VCBO
80
50
30
V
Emitter-Base Voltage
BC846
BC847
BC848
VEBO
6.0
6.0
5.0
V
Collector Current − Continuous
IC
100
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board,
(Note 1) TA = 25°C
PD
200
mW
Thermal Resistance,
Junction−to−Ambient
RqJA
620
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to
+150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in.
www.onsemi.com
SC−70/SOT−323
CASE 419
STYLE 3
MARKING DIAGRAM
XX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
XX M
G
G
COLLECTOR
3
1
BASE
2
EMITTER
1
2
3
See detailed ordering, marking and shipping information in the
package dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BC848BWT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC848BWT1 MOTOROLA-BC848BWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
ON Semiconductor
BC848BWT1 ONSEMI-BC848BWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
Leshan Radio Company
BC848BWT1 LRC-BC848BWT1 Datasheet
185Kb / 4P
   General Purpose Transistors(NPN Silicon)
More results

Similar Description - BC848BWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com