Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDV65BG Datasheet(PDF) 5 Page - ON Semiconductor

Part # BDV65BG
Description  Complementary Silicon Plastic Power Darlingtons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDV65BG Datasheet(HTML) 5 Page - ON Semiconductor

  BDV65BG Datasheet HTML 1Page - ON Semiconductor BDV65BG Datasheet HTML 2Page - ON Semiconductor BDV65BG Datasheet HTML 3Page - ON Semiconductor BDV65BG Datasheet HTML 4Page - ON Semiconductor BDV65BG Datasheet HTML 5Page - ON Semiconductor BDV65BG Datasheet HTML 6Page - ON Semiconductor BDV65BG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BDV65B (NPN), BDV64B (PNP)
http://onsemi.com
5
Figure 7. Thermal Response
t, TIME (ms)
1.0
0.01
0.5
0.2
0.1
0.05
0.03
0.01
0.05
0.1
0.5
1.0
5
10
50
100
1000
ZθJC(t) = r(t) RθJC
RθJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
(SINGLE PULSE)
0.2
0.05
0.1
0.02
0.01
500


Similar Part No. - BDV65BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDV65BG ONSEMI-BDV65BG Datasheet
112Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
September, 2008 ??Rev. 13
More results

Similar Description - BDV65BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_08 Datasheet
112Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
September, 2008 ??Rev. 13
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com