Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN6077C Datasheet(PDF) 5 Page - ON Semiconductor

Part # EN6077C
Description  Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6077C Datasheet(HTML) 5 Page - ON Semiconductor

  EN6077C Datasheet HTML 1Page - ON Semiconductor EN6077C Datasheet HTML 2Page - ON Semiconductor EN6077C Datasheet HTML 3Page - ON Semiconductor EN6077C Datasheet HTML 4Page - ON Semiconductor EN6077C Datasheet HTML 5Page - ON Semiconductor EN6077C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPH3107
No.6077-5/6
Outline Drawing
Land Pattern Example
CPH3107-TL-E
Mass (g) Unit
0.013
* For reference mm
Unit: mm
0.6
0.95
0.95


Similar Part No. - EN6077C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
EN60730-1 FUJITSU-EN60730-1 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
logo
Broadcom Corporation.
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
ON Semiconductor
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - EN6077C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
   Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com