Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3114 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH3114
Description  Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3114 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH3114 Datasheet HTML 1Page - ON Semiconductor CPH3114 Datasheet HTML 2Page - ON Semiconductor CPH3114 Datasheet HTML 3Page - ON Semiconductor CPH3114 Datasheet HTML 4Page - ON Semiconductor CPH3114 Datasheet HTML 5Page - ON Semiconductor CPH3114 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
O1712 TKIM TC-00002829/62504 TSIM TB-00000306/70500 TS (KOTO) TA-2786 No.6394-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
CPH3114
Bipolar Transistor
–15V, –1.5A, Low VCE(sat), PNP Single CPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Relay drivers, lamp drivers, motor drivers, flash
Features
Adoption of MBIT processes
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm)
High allowable power dissipation
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--15
V
Collector-to-Emitter Voltage
VCEO
--15
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--1.5
A
Collector Current (Pulse)
ICP
--3
A
Base Current
IB
--300
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-003
Ordering number : EN6394D
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-59, TO-236, SOT-23
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
2
1
TL
CPH3114-TL-E
1 : Base
2 : Emitter
3 : Collector
CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95


Similar Part No. - CPH3114

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3114 SANYO-CPH3114 Datasheet
51Kb / 5P
   DC/DC Converter Applications
CPH3114 SANYO-CPH3114 Datasheet
66Kb / 5P
   PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
   PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results

Similar Description - CPH3114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
   Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
   Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com