Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO-9290 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIO-9290
Description  Intel짰 3rd Core??i7/i5/i3 rPGA988, 5.25" MI/O SBC,DDR3/DDR3L, DP, HDMI, DVI-I, 48-bit LVDS, 2GbE,2 Mini PCIe, mSATA, iManager, MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-9290 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIO-9290 Datasheet HTML 1Page - Advantech Co., Ltd. MIO-9290 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
MIO-9290
Intel® 3rd Core™ i7/i5/i3 rPGA988, 5.25" MI/O SBC,
DDR3/DDR3L, DP, HDMI, DVI-I, 48-bit LVDS, 2GbE,
2 Mini PCIe, mSATA, iManager, MIOe
ƒ Supports Intel 3rd Generation Core™ i7/i5/i3 mobile processor (rPGA) with
Intel QM77 PCH, 2 x DDR3/DDR3L SO-DIMM support up to 16 GB
ƒ DirectX11, OpenGL3.1, OpenCL1.1, 3 independent display: DP + HDMI +
DVI-I
ƒ Flexible design using integrated multiple I/O: MIOe enhances vertical
applications & protects domain knowhow
ƒ 2 GbE support, HD Audio, Rich I/O interface with 6 COM, 2 SATA,
SMBUS/I2C, 16-bit GPIO, 2 Full-size Mini PCIe/mSATA, 2 USB2.0, 4 USB3.0
ƒ Supports iManager, SUSIAccess, Embedded Software APIs & Intel iAMT 8.0
Specifications
Processor System
CPU
Intel Core i7 3610QE
Intel Core i5 3610ME
Intel Core i3 3120ME
Intel Celeron 1020E
Frequency
2.3 GHz (Quad Core)
2.7 GHz (Dual Core)
2.4 GHz (Dual Core)
2.2 GHz (Dual Core)
L3 Cache
6 MB
3 MB
3 MB
2 MB
System Chipset
Intel QM77
BIOS
AMI EFI 64Mbit
Memory
Technology
Dual Channel DDR3/DDR3L 1333/1600 MHz
Max. Capacity
8GB x 2
Socket
2 x 204-pin SODIMM
Display
Controller
Intel Ivy Bridge Processor + Intel QM77 Integrated GFX Gen 7
Graphic Engine
DirectX11, OpenGL 3.1, and OpenCL 11
Hardware decode acceleration: AVC/H.264, MPEG-2, VC-1
DisplayPort
Max resolution up to 2560 x 1600 @ 60Hz
LVDS
LVDS with 3.3V, 5V on LCD VDD power, 5V and 12V support on LVDS inverter
Dual channel 24-bit LVDS, max resolution up to 1920 x 1200 @ 60Hz
HDMI
Supports HDMI 1.4 for HD Video playback
Max resolution up to 1920 x 1200 @ 60Hz
DVI-I
Max resolution up to 1920 x 1200 @ 60Hz
3 Independent Display
DP + HDMI + DVI-I
Ethernet
Speed
10/100/1000Mbps
Controller
GbE1 - Intel 82579LM, GbE2 - Intel I-210IT
Connector
2 RJ45 on Rear I/O
Audio
Chipset
Realtek ALC892, High Definition Audio (HD), Line-in, Line out, Mic-in
WatchDog Timer
255 levels timer interval, programmable by software
Storage
SATAIII
2 x Serial-ATA port, up to 6.0 Gb/s (600 MB/s)
mSATA
2 (Full-size, shared with mini PCIe)
Rear I/O
Ethernet
2 (10/100/1000Mbps)
Display Port
1
DVI-I
1
HDMI
1
USB 3.0
4 (USB 3.0 compliant)
LED
Red: Throttling alarm, Yellow: HDD
Power Button
1
Reset Button
1
Internal I/O
USB
2 (USB 2.0 compliant)
LVDS/Inverter
1
Serial
2 RS-232 from COM1/2, 2 RS-232/422/485 from COM3/4 (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
2 RS-232 with Tx/Rx only from COM5/6
I2C
1 (Shares with SMBus)
SMBus
1
GPIO
16-bit general purpose input/output
Expansion
Mini PCIe
2 (Full-size, shared with mSATA)
MIOe
SMBus, 3 USB2.0, LPC, 4 PCIe x 1, line out, 5 Vsb/12 Vsb power, Displayport
Power
Power Type
Single 12V DC power input
Power Supply Voltage
Supports single 12V input, ± 10%
Power Consumption (Typical)
i7 3610QE w/DDR3: 0.646 A @ 12 V (7.75 W), w/DDR3L: 0.662 A @ 12 V (7.94 W)
i5 3610ME w/DDR3: 0.614 A @ 12 V (7.37 W), w/DDR3L: 0.606 A @ 12 V (7.27 W)
i3 3120ME w/DDR3: 0.622 A @ 12 V (7.46 W), w/DDR3L: 0.612 A @ 12 V (7.34 W)
Celeron 1020E w/DDR3: 0.632 A @ 12 V (7.58 W), w/DDR3L: 0.623 A @ 12 V (7.48 W)
Power Consumption (Max, test in HCT)
i7 3610QE w/DDR3: 3.759 A @ 12 V (45.11 W), w/DDR3L: 3.675 A @ 12 V (44.1 W)
i5 3610ME w/DDR3: 2.375 A @ 12 V (28.5 W), w/DDR3L: 2.336 A @ 12 V (28.03 W)
i3 3120ME w/DDR3: 1.675 A @ 12 V (20.1 W), w/DDR3L: 1.656 A @ 12 V (19.87 W)
Celeron 1020E w/DDR3: 1.595 A @ 12 V (19.14 W), w/DDR3L: 1.548 A @ 12 V (18.58 W)
Power Management
ACPI
Battery
Lithium 3 V / 210 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
203 x 146 mm (8" x 5.75")
Weight
0.9 kg (1.98 lb), weight of total package
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
Software APIs:
Utilities:
SMBus/
I2C
CPU Speed System
Throttling
NEW
DC Power
COM5/6
COM3/4
Audio
SMBus
GbE 1 & 2
48-bit LVDS
DDR3 SODIMM
COM1/2
Inverter
HDMI
DisplayPort
Reset Button
USB2.0/3.0
DVI-I
Throttling Alarm/
HDD LED
Power Button
Power switch
System FAN
CPU FAN
Reset
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - MIO-9290

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261N-S6A1E ADVANTECH-MIO-2261N-S6A1E Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com