Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO-9290 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIO-9290
Description  Intel짰 3rd Core??i7/i5/i3 rPGA988, 5.25" MI/O SBC,DDR3/DDR3L, DP, HDMI, DVI-I, 48-bit LVDS, 2GbE,2 Mini PCIe, mSATA, iManager, MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-9290 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIO-9290 Datasheet HTML 1Page - Advantech Co., Ltd. MIO-9290 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Part No.
CPU
Memory
DP
LVDS DVI-I HDMI
GbE HD
Audio RS-422/485 RS-232
USB
3.0
USB
2.0 SATAIII
Full-size
Mini PCIe* MIOe
Power
connector
Thermal
Solution*
Operation
Temp.
MIO-9290F-00A1E Socket
rPGA988*
SO-DIMM
Yes
48-bit Yes
Yes
2
Yes
2
4
4
2
2
2
Yes
2x2 pin
Active
0 ~ 60° C
* Reserve Sandy Bridge CPU design
* Full-size Mini PCIe supports mSATA
* Active = with fan
Packing List
Part No.
Description
Quantity
MIO-9290 SBC
1
Startup Manual
1
1700002155-01
M Cable SATA 7P/SATA 7P 30cm C=R 180/90
1
1700018785
SATA 35cm power cable
1
1701200220
COM RS-232 Cable 2*10P-2.0/D-SUB 9P (M)*2
22CM
2
1700019584
Audio Cable 2*5P-2.0/JACK*3 20cm
1
9666929000E
Screw and stud pack (4 screws for Mini PCIe, 4
M3 studs and screws for MIOe module)
1
9689000002
Mini Jumper pack
1
1960054541N011 Cooler 60x60x26.5mm
1
Optional Accessories
Part No.
Description
1700002155-01
SATA cable 7P/ 7P 30cm C=R 180/90
1700018785
SATA 35cm power cable
1703100260
Internal USB cable
1700021399-01
RS-232 Tx/Rx only (COM5/6) cable
1910002596-01
POST F=M3*10L M=M3*5L B=5 H=19 ST Ni
96MPI3M-2.4-3M9T
CPU i3-3120ME 2.4G 3M Dual Core
96MPI5-2.7-3M9T
CPU i5-3610ME 2.7G 3M Dual Core
96MPI7M-2.3-6M9T
CPU i7-3610QE 2.3G 6M Quad Core
96MPCM-2.2-2M9T
CPU CELERON-1020E 2.2G 2M Dual Core
Embedded OS/API
Embedded OS/API
Part No.
Description
Win XPE
2070012322
MIO-9290 XPE 24MUI
WES 7
2070012220
MIO-9290 WES7E x86 English/
Traditional Chinese/Simplified Chinese/
Japanese
2070012219
MIO-9290 WES7E 64bit English/
Traditional Chinese/Simplified Chinese/
Japanese
Linux
Ubuntu 12.04
QNX
6.5
VxWorks
6.9
Software API
iManager 2.0
MIO-9290
48-bit LVDS
DP
DDR3/DDR3L
SODIMM x2
Intel Ivy Bridge
Mobile rPGA
Intel QM77
Panther Point
Mobile PCH
COM1/2: RS232
COM3/4: RS232/422/485
COM5/6: RS232 Tx/Rx only
Auto Flow Control
Super I/O
SCH3106
eDP
DVI-I
Display port
VGA
HDMI
Display port
PCA9555
16-bit GPIO
SMBus
MiniPCIe or mSATA
(Full size)
PCIe x1, SATA
USB 2.0
MiniPCIe or mSATA
(Full size)
With SIM holder
PCIe x1, SATA
USB 2.0
64Mbit BIOS
SPI
4 USB 3.0
USB 3.0 & 2.0
2 USB 2.0
USB 2.0
2 SATA
SATA 6Gb/s
MIOe
Realtek ALC 892
PHY: Intel
82579LM
Line -in
Line out
Mic-in
RJ45
Display port
HD Audio, Line Out
USB 2.0 x 3
SMBus
LPC
4 PCIe x 1
HD Audio
PCIe x 1
GbE: Intel
I-210
Advantech
iManager
SMBus/I2C
RJ45
PCIe x 1
LPC
Rear I/O View


Similar Part No. - MIO-9290

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261N-S6A1E ADVANTECH-MIO-2261N-S6A1E Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com