Electronic Components Datasheet Search |
|
PCM-3362N-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
PCM-3362N-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page PC/104 CPU Modules Features Intel® Atom™ N450 1.66 GHz Processor and DDR2 667 MHz SDRAM up to 2 GB Supports extended temperature -40 ~ 85° C Standard 96 x 90 mm dimensions and PC/104-Plus expansion connector Onboard 2 GB flash (4 GB optional) Supports SUSIAccess and Embedded Software APIs PCM-3362 Intel®Atom™N450PC/104-PlusSBC,VGA, LVDS, Ethernet, USB, COM, SATA, Onboard Flash Specifications Processor System CPU Intel Atom N450 1.66 GHz Frequency 1.66 GHz L2 Cache 512 KB System Chipset Intel Atom N450 + ICH8M BIOS AMI 16 Mbit Memory Technology DDR2 667 MHz Max. Capacity 2 GB Socket 1 x 200-pin SODIMM Display Chipset Intel Atom N450 1.66 GHz VRAM Shared system memory up to 224 MB Graphics Engine Intel Gen 3.5 graphic core, DX9 compliant, MPEG2 Hardware Acceleration LVDS Single channel 18-bit LVDS up to WXGA 1366 x 768 VGA Supports up to SXGA 1400 x 1060 at 60 Hz Dual Display VGA+LVDS Ethernet Speed 10/100/1000 Mbps Controller ICH8M + Intel 82567V (PHY), supports Wake-on-LAN Connector Pin Header Watchdog Timer Output System Reset Programmable counter from 1 ~ 255 minutes/ seconds Storage SATA 1 SATAII, up to 3.0 GB/s (300 MB/s) Onboard Flash 2 GB (Up to 4 GB) Internal I/O USB 4 x USB 2.0 Serial 2 RS-232 from COM1/2, 1 RS-422/485 from COM3 (ESD protection for RS-232: Air gap ±15 kV, Contact ±8 kV) Keyboard/Mouse 1 GPIO 8-bit general purpose input/output I2C 1 Audio Intel High Definition audio interface Expansion PC/104-Plus Slot 1 Power Power Type AT/ATX Power Supply Voltage 5 V ± 5% only to boot up (12 V is optional for LCD inverter and add-on card) Power Consumption (Typical) 2 A @ +5 V, 5 mA @ +12 V (10.06 Watts) Power Consumption (Max, test in HCT) 2.37 A @ +5 V, 7 mA @ +12 V (11.93 Watts) Battery Lithium 3 V / 210 mAH Power Management ACPI/ APM 1.2 Environment Operational 0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 85% RH non-condensing) Non-Operational -40° C ~ 85° C and 60° C @ 95% RH non-condensing Physical Characteristics Dimensions (L x W) 96 x 90 mm (3.8" x 3.5") Weight 0.664 kg (1.46 lb) (with heat-sink) Height Top side: 14.4 mm, 19.4 mm (Z & Z2); Bottom side: 10.6 mm Monitoring Backlight On/Off Watchdog GPIO H/W Monitor I2C Brightness I2C/SMbus RS-422/485 Gigabit Ethernet USB 1/2 USB 3/4 SATA 2GB flash HD Audio GPIO Front Panel Power in LVDS VxWorks ® Software APIs: Utilities: All product specifications are subject to change without notice Last updated : 15-Jan-2014 |
Similar Part No. - PCM-3362N-S6A1E |
|
Similar Description - PCM-3362N-S6A1E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |