Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6867 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-6867
Description  Intel Atom/Celeron Processor COM Express Type 6 Compact Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6867 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-6867_15 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6867_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6867
Ordering Information
Part No.
CPU +
PCH
Frq.
CPU
TDP
LLC
DDR3L
Memory
LVDS
VGA DDI Giga HD A PCIe x1 USB2.0 USB3.0 SATA II
LPC Power
Thermal
Solution
Operating
Temperature
SOM-6867RC-U0A1E J1900
2.0
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6867AC-S9A1E E3845
1.91
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6867AC-S7A1E E3827
1.75
8W
1
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6867RZ-U0A1E
J1900
2.0
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-6867RX-U0A1E J1900
2.0
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-6867AZ-S9A1E
E3845
1.91
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-6867AX-S9A1E
E3845
1.91
10W
2
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-6867AZ-S7A1E
E3827
1.75
8W
1
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-6867AX-S7A1E
E3827
1.75
8W
1
Non-ECC
18/24-bit
1
2
1
Yes
3
8
1
2
Yes
AT/ATX
Active
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM Express Development Board A2 Type 6 Pin-out
Packing List
Part No.
Description
Quantity
-
SOM-6867 CPU Module
1
1960065753N001
Heatspreader
1
Optional Accessories
Part No.
Description
1960048815N001
Semi-Heatsink 95 x 95 x 16.25 mm
1960048819N001
Semi-Cooler 95 x 95 x 33 mm
Embedded OS
OS
Part no.
Description
WES7E
2070013142
SOM-6867 x64 V5.6.8
2 SATAII
3 PCIex1
(Option for 1 PCle x 4 remove LAN)
HD Audio
Analog VGA
4 USB2.0
4 USB2.0
(USB Client, option)
WDT / GPIO / I2C
SMBus
SPI Bus
LPC BUS
HSIC
1 PCIex1
DDI 2
RS1/ RS2/ FAN
Dual Channel LVDS
(LVDS BOM option)
DDR3L 1066/1333MHz
204-pin SODIMM
up to 8GB non-ECC
1 USB3.0
DDI 2 HDMI / DisplayPort / DVI
(Option BOM with LVDS)
DDI 1 HDMI / DisplayPort / DVI
iManager
SPI BIOS
USB4604
Intel E3845/
E3827/ J1900
Chrontel
CH7511B
PCIe-to-GbE
(Intel I210)
USB3.0
GBE
GBE
USB3.0-to-LAN
(option)


Similar Part No. - SOM-6867_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_17 Datasheet
968Kb / 2P
   COM Express Type 6 Compact Module
More results

Similar Description - SOM-6867_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
   Intel Atom/Celeron Processor COM Express Mini Module
logo
Axiomtek Co., Ltd.
CEM843 AXIOMTEK-CEM843 Datasheet
272Kb / 1P
   COM Express Type 6 Compact Module with Intel Atom Processor E3845
CEM842 AXIOMTEK-CEM842_17 Datasheet
229Kb / 1P
   COM Express Type 6 Compact Module with Intel Celeron Processor J1900/N2807
logo
List of Unclassifed Man...
EMETXE-I250C ETC2-EMETXE-I250C Datasheet
482Kb / 2P
   Intel Atom D2550 COM Express Compact Type 6 CPU Module
logo
DFI Inc
AL968 DFI-AL968 Datasheet
931Kb / 2P
   Intel Atom Processor E3900 Series COM Express Compact
logo
Advantech Co., Ltd.
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com