Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6894C5-S9A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6894C5-S9A1E
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6894C5-S9A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6894C5-S9A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6894C5-S9A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Specifications
Form Factor
Form Factor
COM Express 2.1
Pin-out Type
Compact Module, Type 6 Pin-out
Processor System
CPU + PCH
Intel® 4th Gen. Processor
Intel® i7-4650U
Intel® i5-4300U
Intel® i3-4010U
Celeron 2980U
Base Frequency
1.7GHz
1.9GHz
1.7GHz
1.6GHz
Intel Turbo Boost Frequency 2.0
Max Single Core Turbo Frequency
3.3GHz
2.9GHz
N/A
N/A
Core/Thread
2
2
2
2
LLC
4MB
3MB
3MB
2MB
CPU TDP
15W
15W
15W
15W
BIOS
AMI UEFI BIOS @ 128 Mb
Memory
Technology
DDR3L 1600MHz non-ECC unbuffered
Max. Capacity
16GB
Socket
Two 204P SODIMMs
Graphics
Controller
Intel® HD graphics 5000
Intel® HD graphics 4400
Intel® HD Graphics 4400
Intel® HD Graphics
Max. Frequency
1.1 GHz
1.1 GHz
1 GHz
1 GHz
Graphic Memory
Intel® DVMT 5.0 support up to 1024MB video memory
3D/HW Acceleration
DX 11.1, OGL 3.2, OCL 1.2 support
Display
VGA
1920 x 1200
LCD (TTL/LVDS/eDP)
Single and dual channel 18/24-bit LVDS
DDI (HDMI/DVI/DisplayPort)
DDI 1: support HDMI, DisplayPort, DVI (DDI 2: Optional)
Dual Display
VGA, LVDS (Default)
Triple Display
VGA, LVDS, HDMI/DisplayPort/DVI
Expansion
PCI Express x1
4 PCIe x1 (optional for 1 PCIe x4)
Audio Interface
HD Audio
LPC
Yes (24MHz)
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel® i218LM
Speed
10/100/1000 Mbps
I/O
SATA
4 Ports, Support Gen2 (3 Gb/s) and Gen3 (6Gb/s), RAID 0, 1, 5, 10
USB3.0
2 Ports
USB2.0
8 Ports
GPIO
8-bit GPIO
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX, AT
Supply Voltage
ATX (Vin 4.75-20V, Vsb 4.75-5.25V)
AT (Vin 4.75-20V)
Power Consumption (Max.)
+12V @ 1.84A (i7-4650U), 1.79A (i5-4300U), 1.8A (i3-4010U), 1.73A (Celeron 2980U)
Power Consumption (Idle)
+12 V @ 0.37A (i7-4650U), 0.35A (i5-4300U), 0.37A (i3-4010U), 0.34A (Celeron 2980U)
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F)
Storage: -20 ~ 80° C (-4 ~ 176° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
Intel® Core™ i7/i5/i3/Celeron® Processor
COM Express® Compact Module
SOM-6894
ƒ Embedded Intel® Core™ i7/i5/i3/Celeron® processor (U-Processor Line)
ƒ Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
ƒ Supports 4 PCIex1, 8 USB 2.0, 2 USB3.0, 4 SATA, 1 GbE
ƒ Supports 3 independent displays: VGA, LVDS, HDMI/DisplayPort/DVI
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
All product specifications are subject to change without notice
Last updated : 15-May-2015


Similar Part No. - SOM-6894C5-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6894C5-S9A1E ADVANTECH-SOM-6894C5-S9A1E Datasheet
567Kb / 2P
   Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
More results

Similar Description - SOM-6894C5-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
logo
Advantech Co., Ltd.
SOM-7567 ADVANTECH-SOM-7567_15 Datasheet
739Kb / 2P
   Intel짰 Atom??Celeron짰 Processor COM Express짰 Mini Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com