Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3311S Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3311S
Description  1MHz Fixed-Frequency PWM Operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3311S Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3311S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP3311S
LP3311s – 02 Version 2.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 2 of 7
Functional pin description
SOT-23-6
Pin Name
Pin Function
1
SW
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the
track area to reduce EMI.
2
GND
Ground Pin
3
FB
Feedback Reference Voltage Pin. Series connect a resistor between
WLED and ground as a current sense. Sense the current feedback
voltage to set the current rating.
4
EN
Chip Enable (Active High). Voltage sensing input to trigger the function of
over voltage protection. Note that this pin is high impedance. There
should be a pull low 100kΩ resistor connected to GND when the control
signal is floating.
5
OVP
Over voltage pin.
6
Vin
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the
input noise.
Function Block Diagram
SLOPE
1MHz
OBCILLATOR
ENABLE
4mS
DELAY
Over
voltage
OTA
Soft
start
PWM_COMP.
R
S
Q
PWM
RS
200 mV
IN
OUT
SW
FB
EN
GND


Similar Part No. - LP3311S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
   1.3MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3311S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
logo
Lowpower Semiconductor ...
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
   1.1MHz Fixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
   1.1MHz Fixed-Frequency PWM Operation
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
   1.5MHz Fixed-Frequency PWM Operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
   500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
logo
Lowpower Semiconductor ...
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
   1.5MHz Fixed-Frequency PWM Operation
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
   1MHz fixed frequency switching
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com