Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6250 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6250
Description  2.1A Synchronous Current Boost DC/DC Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6250 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6250 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Datasheet
LP6250
LP6250 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 4 of 8
Typical Operating Characteristics (VDD=3.3V,Vout=5V)


Similar Part No. - LP6250

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
   Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
   Output to Input Disconnect at Shutdown Mode
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
   High Efficiency 8A Synchronous Boost Convertor
LP6253HQVF POWER-LP6253HQVF Datasheet
1Mb / 12P
   High Efficiency 8A Synchronous Boost Convertor
LP6253HSPF POWER-LP6253HSPF Datasheet
1Mb / 12P
   High Efficiency 8A Synchronous Boost Convertor
More results

Similar Description - LP6250

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
   Synchronous Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
   Synchronous Boost DC/DC Regulator
logo
Lowpower Semiconductor ...
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
   Synchronous Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
logo
Lowpower Semiconductor ...
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
   High Efficiency 2.1A Boost DC/DC Convertor
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
   Synchronous Boost DC//DC Regullator
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Linear Technology
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com