Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP28019-00 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28019-00
Description  Vin Over Voltage Protection:6.5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28019-00 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28019-00 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28019-00 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
LP28019
LP28019 – 000 Version 1.0 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 4 of 9
Electrical Characteristics (The specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNITS
VIN
Adapter/USB Voltage Range
2.65
5
7
V
ICC
Input Supply Current
Charge Mode (Note 4), RISET = 10k
Standby Mode (Charge Terminated)
300
2000
uA
Shutdown Mode (RISET Not
Connected,
200
500
VCC < VBAT, or VCC < VUV)
25
50
VFLOAT
Regulated Output (Float) Voltage
0°C ≤ TA ≤ 85°C, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RISET = 1k, Current Mode
1000
mA
RISET = 2k, Current Mode
50
Standby Mode, VBAT = 4.2V
Shutdown Mode (RISET Not
Connected) Sleep Mode, VCC = 0V
0
-2.5
±
1
±
1
-6
±
2
±
2
uA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RISET = 2k (Note 5)
50
mA
VTRIKL
Trickle Charge Threshold Voltage
RISET = 10k, VBAT Rising (Note 5)
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RISET = 10k (Note 5)
60
80
110
mV
VUV
VCC Undervoltage Lockout Threshold From VCC Low to High
3.7
3.8
3.95
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
150
200
300
mV
VMSD
Manual Shutdown Threshold Voltage
ISET Pin Rising
1.15
1.21
1.30
V
ISET Pin Falling
0.9
1.0
1.1
V
VASD
VCC – VBAT Lockout Threshold
Voltage
VCC from Low to High
70
100
140
mV
VCC from High to Low
5
30
50
mV
ITERM
C/10 Termination Current Threshold
RISET = 10k (Note 6)
0.085
0.10
0.115
mA/mA
RISET = 2k
0.085
0.10
0.115
mA/mA
VISET
ISET Pin Voltage
RISET = 10k, Current Mode
0.9
1.0
1.1
V
ISTAT
STAT Pin Weak Pull-Down Current
VSTAT = 5V
8
20
35
uA
VSTAT
STAT Pin Output Low Voltage
ISTAT = 5mA
0.35
0.6
V
ΔVRESTAT
Recharge Battery Threshold Voltage VFLOAT - VRESTAT
100
150
200
mV
TLIM
Junction Temperature in Constant Temperature Mode
120
°C
RON
Power FET “ON” Resistance (Between VCC and BAT)
600
mΩ
tSS
Soft-Start Time
IBAT = 0 to IBAT =850V/RISET
100
uS
IISET
ISET Pin Pull-Up Current
3
uA
VIN OVP
Over voltage protection
5.9
6.2
6.5
V


Similar Part No. - LP28019-00

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
   1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28019-00

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
   Vin Over Voltage Protection:6.5V
LP28052A POWER-LP28052A Datasheet
461Kb / 9P
   Vin Over Voltage Protection:6.5V
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com