Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFML8244PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFML8244PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFML8244PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFML8244PBF Datasheet HTML 1Page - International Rectifier IRFML8244PBF Datasheet HTML 2Page - International Rectifier IRFML8244PBF Datasheet HTML 3Page - International Rectifier IRFML8244PBF Datasheet HTML 4Page - International Rectifier IRFML8244PBF Datasheet HTML 5Page - International Rectifier IRFML8244PBF Datasheet HTML 6Page - International Rectifier IRFML8244PBF Datasheet HTML 7Page - International Rectifier IRFML8244PBF Datasheet HTML 8Page - International Rectifier IRFML8244PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
02/29/12
IRFML8244TRPbF
HEXFET® Power MOSFET
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Application(s)
Micro3TM (SOT-23)
IRFML8244TRPbF
'
6
*



Load/ System Switch
Features and Benefits
VDS
25
V
VGS Max
± 20
V
RDS(on) max
(@VGS = 10V)
24
m
RDS(on) max
(@VGS = 4.5V)
41
m
Features
Benefits
Low RDS(on) (  24m)
Lower switching losses
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Consumer qualification
Increased reliability
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
e
–––
100
RJA
Junction-to-Ambient (t<10s)
f
–––
99
1.25
0.80
24
W
°C/W
A
Max.
5.8
4.6
-55 to + 150
± 20
0.01
25
PD - 97587A


Similar Part No. - IRFML8244PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFML8244PBF IRF-IRFML8244PBF Datasheet
202Kb / 10P
   Load/ System Switch
More results

Similar Description - IRFML8244PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com