Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4320T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS4320T
Description  20 V NPN low VCEsat transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4320T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS4320T_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4320T_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2004 Mar 18
7
NXP Semiconductors
Product data sheet
20 V NPN low VCEsat transistor
PBSS4320T
handbook, halfpage
MLD857
102
10
10−1
10−2
1
10−1
1
RCEsat
(
Ω)
IC (mΑ)
10
102
103
104
(2)
(3)
(1)
Fig.10 Equivalent on-resistance as a function of
collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.


Similar Part No. - PBSS4320T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4320T PHILIPS-PBSS4320T Datasheet
84Kb / 10P
   20 V NPN low VCEsat transistor
2004 Mar 18
PBSS4320T NXP-PBSS4320T Datasheet
369Kb / 10P
   20 V NPN low VCEsat transistor
2004 Mar 18
logo
Foshan Blue Rocket Elec...
PBSS4320T FOSHAN-PBSS4320T Datasheet
839Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS4320T NEXPERIA-PBSS4320T Datasheet
580Kb / 11P
   20 V NPN low VCEsat transistor
2004 Mar 18
More results

Similar Description - PBSS4320T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4320T NEXPERIA-PBSS4320T Datasheet
580Kb / 11P
   20 V NPN low VCEsat transistor
2004 Mar 18
logo
NXP Semiconductors
PBSS4320T NXP-PBSS4320T Datasheet
369Kb / 10P
   20 V NPN low VCEsat transistor
2004 Mar 18
PBSS4320T PHILIPS-PBSS4320T Datasheet
84Kb / 10P
   20 V NPN low VCEsat transistor
2004 Mar 18
logo
Nexperia B.V. All right...
PBSS4021SPN NEXPERIA-PBSS4021SPN Datasheet
874Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 13 October 2010
PBSS302NZ NEXPERIA-PBSS302NZ Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
logo
NXP Semiconductors
2PD2150 PHILIPS-2PD2150 Datasheet
70Kb / 11P
   20 V, 3 A NPN low VCEsat transistor
Rev. 01-22 April 2005
logo
Nexperia B.V. All right...
PBSS302NZ-Q NEXPERIA-PBSS302NZ-Q Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
logo
NXP Semiconductors
PBSS4021SPN PHILIPS-PBSS4021SPN Datasheet
223Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-13 October 2010
PBSS4021SN PHILIPS-PBSS4021SN Datasheet
175Kb / 15P
   20 V, 7.5 A NPN/NPN low VCEsat (BISS) transistor
Rev. 2-11 October 2010
logo
Nexperia B.V. All right...
PBSS4021SN NEXPERIA-PBSS4021SN Datasheet
854Kb / 15P
   20 V, 7.5 A NPN/NPN low VCEsat (BISS) transistor
Rev. 2 - 11 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com