Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4350D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS4350D
Description  50 V low VCEsat NPN transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4350D Datasheet(HTML) 7 Page - NXP Semiconductors

  PBSS4350D_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4350D_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2001 Jul 13
7
NXP Semiconductors
Product data sheet
50 V low VCEsat NPN transistor
PBSS4350D
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
97-02-28
01-05-04


Similar Part No. - PBSS4350D_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350D PHILIPS-PBSS4350D Datasheet
70Kb / 8P
   NPN transistor
2000 Mar 08
PBSS4350D PHILIPS-PBSS4350D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS4350D NXP-PBSS4350D Datasheet
316Kb / 9P
   50 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4350D NEXPERIA-PBSS4350D Datasheet
503Kb / 10P
   50 V low VCEsat NPN transistor
2001 Jul 13
More results

Similar Description - PBSS4350D_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4350Z NEXPERIA-PBSS4350Z Datasheet
226Kb / 12P
   50 V low VCEsat NPN transistor
26 June 2018
logo
NXP Semiconductors
PBSS4350S PHILIPS-PBSS4350S Datasheet
79Kb / 8P
   50 V low VCEsat NPN transistor
2001 Nov 19
PBSS4350D NXP-PBSS4350D Datasheet
316Kb / 9P
   50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350Z PHILIPS-PBSS4350Z Datasheet
83Kb / 12P
   50 V low VCEsat NPN transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS4350D NEXPERIA-PBSS4350D Datasheet
503Kb / 10P
   50 V low VCEsat NPN transistor
2001 Jul 13
logo
NXP Semiconductors
PBSS4350Z NXP-PBSS4350Z Datasheet
162Kb / 9P
   50 V low VCEsat NPN transistor
2003 May 13
PBSS4350Z PHILIPS-PBSS4350Z_15 Datasheet
162Kb / 9P
   50 V low VCEsat NPN transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS4350T NEXPERIA-PBSS4350T Datasheet
1Mb / 13P
   50 V; 3 A NPN low VCEsat transistor
1 January 2023
PBSS4350T-Q NEXPERIA-PBSS4350T-Q Datasheet
230Kb / 12P
   50 V; 3 A NPN low VCEsat transistor
10 May 2022
PBSS4350X NEXPERIA-PBSS4350X Datasheet
277Kb / 12P
   50 V, 3 A NPN low VCEsat transistor
16 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com