Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4350SPN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS4350SPN
Description  50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4350SPN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS4350SPN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4350SPN_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PBSS4350SPN_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 April 2007
10 of 19
NXP Semiconductors
PBSS4350SPN
50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 9.
TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
Fig 10. TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 11. TR1 (NPN): Collector-emitter saturation
resistance as a function of collector current;
typical values
Fig 12. TR1 (NPN): Collector-emitter saturation
resistance as a function of collector current;
typical values
006aaa972
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aaa973
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
IC (mA)
10−1
104
103
1102
10
006aaa974
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(1)
(2)
(3)
IC (mA)
10−1
104
103
1102
10
006aaa975
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(1)
(2)
(3)


Similar Part No. - PBSS4350SPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350SPN NXP-PBSS4350SPN Datasheet
100Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
Nexperia B.V. All right...
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
730Kb / 19P
   50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
696Kb / 14P
   50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
More results

Similar Description - PBSS4350SPN_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
730Kb / 19P
   50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007
logo
NXP Semiconductors
PBSS5350SS NXP-PBSS5350SS Datasheet
100Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
Nexperia B.V. All right...
PBSS5350SS NEXPERIA-PBSS5350SS Datasheet
701Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS4350SS NEXPERIA-PBSS4350SS Datasheet
696Kb / 14P
   50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
NXP Semiconductors
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
logo
Nexperia B.V. All right...
PBSS9410PA NEXPERIA-PBSS9410PA Datasheet
290Kb / 16P
   100 V, 2.7 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4041PT NXP-PBSS4041PT Datasheet
191Kb / 15P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010
PBSS9410PA PHILIPS-PBSS9410PA_15 Datasheet
175Kb / 15P
   100 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-11 May 2010
logo
Nexperia B.V. All right...
PBSS4041PT NEXPERIA-PBSS4041PT Datasheet
304Kb / 16P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02 - 9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com