Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4350T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS4350T
Description  50 V; 3 A NPN low VCEsat
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4350T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS4350T_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4350T_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2004 Jan 09
8
NXP Semiconductors
Product data sheet
50 V; 3 A NPN low VCEsat (BISS) transistor
PBSS4350T
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PBSS4350T_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PBSS4350T KEXIN-PBSS4350T_15 Datasheet
1Mb / 5P
   NPN Transistors
More results

Similar Description - PBSS4350T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4350T NEXPERIA-PBSS4350T Datasheet
1Mb / 13P
   50 V; 3 A NPN low VCEsat transistor
1 January 2023
PBSS4350X NEXPERIA-PBSS4350X Datasheet
277Kb / 12P
   50 V, 3 A NPN low VCEsat transistor
16 May 2022
PBSS4350T-Q NEXPERIA-PBSS4350T-Q Datasheet
230Kb / 12P
   50 V; 3 A NPN low VCEsat transistor
10 May 2022
logo
NXP Semiconductors
PBSS4350T NXP-PBSS4350T Datasheet
368Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350T PHILIPS-PBSS4350T Datasheet
84Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350X PHILIPS-PBSS4350X_15 Datasheet
133Kb / 12P
   NPN low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350T NEXPERIA-PBSS5350T Datasheet
1Mb / 11P
   50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
   50 V, 3 A PNP low VCEsat transistor
16 May 2022
PBSS5350D-Q NEXPERIA-PBSS5350D-Q Datasheet
219Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
10 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com