Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0485A Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA0485A
Description  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0485A Datasheet(HTML) 5 Page - ON Semiconductor

  ENA0485A Datasheet HTML 1Page - ON Semiconductor ENA0485A Datasheet HTML 2Page - ON Semiconductor ENA0485A Datasheet HTML 3Page - ON Semiconductor ENA0485A Datasheet HTML 4Page - ON Semiconductor ENA0485A Datasheet HTML 5Page - ON Semiconductor ENA0485A Datasheet HTML 6Page - ON Semiconductor ENA0485A Datasheet HTML 7Page - ON Semiconductor ENA0485A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPH5520
No. A0485-5/8
A S O
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Ambient Temperature, Ta --
°C
[PNP / NPN]
[PNP / NPN]
IT11359
0
0
20
40
60
80
100
120
140
160
0.6
1.2
0.4
0.2
0.9
0.8
1.0
1.4
Total
dissipation
1unit
IT11358
0.01
0.1
1.0
10
23
5 7
23
5 7
23
5 7
23
5 7
1.0
0.1
0.01
2
3
5
7
2
3
5
7
2
3
5
7
ICP=5A
IC=2A
1ms
Ta=25
°C
Single pulse
For PNP minus sign is omitted
Mounted on a ceramic board (600mm2
✕0.8mm)
Mounted on a ceramic board (600mm2
✕0.8mm)


Similar Part No. - ENA0485A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0410A ONSEMI-ENA0410A Datasheet
329Kb / 7P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
ENA0411A ONSEMI-ENA0411A Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
ENA0412A ONSEMI-ENA0412A Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
ENA0413A ONSEMI-ENA0413A Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - ENA0485A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
   Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
   Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
logo
Unisonic Technologies
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
   Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com