Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN8278B Datasheet(PDF) 2 Page - ON Semiconductor

Part # EN8278B
Description  N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8278B Datasheet(HTML) 2 Page - ON Semiconductor

  EN8278B Datasheet HTML 1Page - ON Semiconductor EN8278B Datasheet HTML 2Page - ON Semiconductor EN8278B Datasheet HTML 3Page - ON Semiconductor EN8278B Datasheet HTML 4Page - ON Semiconductor EN8278B Datasheet HTML 5Page - ON Semiconductor EN8278B Datasheet HTML 6Page - ON Semiconductor EN8278B Datasheet HTML 7Page - ON Semiconductor EN8278B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CPH5901
No.8278-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[FET]
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10μA, VGS=0V
--15
V
Gate Cutoff Current
IGSS
VGS=--10V, VDS=0V
--1.0
nA
Cutoff Voltage
VGS(off)
VDS=5V, ID=100μA
--0.2
--0.6
--1.4
V
Drain Current
IDSS
VDS=5V, VGS=0V
6.0*
20.0*
mA
Forward Transfer Admittance
| yfs |
VDS=5V, VGS=0V, f=1kHz
25
50
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1kHz
10
pF
Reverse Transfer Capacitance
Crss
VDS=5V, VGS=0V, f=1kHzz
3.0
pF
Noise Figure
NF
VDS=5V, Rg=1kΩ, ID=1mA, f=1kHz
1.5
dB
[TR]
Collector Cutoff Current
ICBO
VCB=35V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE
VCE=6V, IC=1mA
135
400
Gain-Bandwidth Product
fT
VCE=6V, IC=10mA
200
MHz
Output Capacitance
Cob
VCB=6V, f=1MHz
1.7
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=50mA, IB=5mA
0.08
0.4
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=50mA, IB=5mA
0.8
1.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
55
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-On Time
ton
See specified Test Circuit.
0.15
ns
Storage Time
tstg
0.75
ns
Fall Time
tf
0.20
ns
* : The CPH5901 is classified by IDSS as follows : (unit : mA)
Rank
F
G
IDSS
6.0 to 12.0
10.0 to 20.0
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH5901F-TL-E
CPH5
3,000pcs./reel
Pb Free
CPH5901G-TL-E
CPH5
3,000pcs./reel
+
+
50Ω
INPUT
OUTPUT
VR
RB
VCC=20V
220μF
470μF
VBE= --5V
PW=20μs
IB1
IB2
D.C.≤1%
10IB1= --10IB2= IC=10mA
RL


Similar Part No. - EN8278B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN8278B SANYO-EN8278B Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
More results

Similar Description - EN8278B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5902 ONSEMI-CPH5902 Datasheet
437Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com