Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH5901F-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH5901F-TL-E
Description  N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5901F-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  CPH5901F-TL-E Datasheet HTML 1Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 2Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 3Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 4Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 5Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 6Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 7Page - ON Semiconductor CPH5901F-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPH5901
No.8278-3/8
ID -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
[FET]
[FET]
[FET]
VGS(off) -- IDSS
Drain Current, IDSS -- mA
[FET]
| yfs | -- ID
Drain Current, ID -- mA
[FET]
| yfs | -- IDSS
Drain Current, IDSS -- mA
[FET]
Drain-to-Source Voltage, VDS -- V
Ciss -- VDS
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
[FET]
[FET]
ITR10329
0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
12
14
16
VGS=0V
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
VGS=0V
--0.1V
--0.2V
--0.3V
--0.4V
ITR10330
024
6
8
10
0
4
8
12
16
20
--0.5V
--0.6V
I DSS
=6mA
20mA
10mA
ITR10333
ITR10334
VDS=5V
f=1kHz
VGS=0V
f=1MHz
VGS=0V
f=1MHz
1.0
5
3
2
7
5
3
2
10
5
3
3
2
10
7
100
7
5
ITR10335
VDS=5V
VGS=0V
f=1kHz
5
3
32
7
5
10
5
3
2
100
10
7
ITR10336
1.0
23
3
5
57
7
10
2
2
7
5
3
3
10
2
1.0
1.0
23
5
7
7
10
23
5
1.0
2
7
7
5
5
3
10
ITR10331
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
10
20
30
40
I DSS
=20mA
15mA
10mA
6mA
57
2
3
35
10
7
--1.0
--0.1
5
3
2
2
VDS=5V
ID=100μA
ITR10332
VDS=5V


Similar Part No. - CPH5901F-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5901F-TL-E SANYO-CPH5901F-TL-E Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
More results

Similar Description - CPH5901F-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5902 ONSEMI-CPH5902 Datasheet
437Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com