Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4520X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS4520X
Description  NPN low VCEsat (BISS) transistor 20 V, 5 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4520X Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS4520X_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4520X_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Jun 11
2004 Nov 08
DISCRETE SEMICONDUCTORS
PBSS4520X
20 V, 5 A
NPN low VCEsat (BISS) transistor
book, halfpage
M3D109


Similar Part No. - PBSS4520X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4520X PHILIPS-PBSS4520X Datasheet
112Kb / 13P
   20 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 08
PBSS4520X PHILIPS-PBSS4520X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4520X NEXPERIA-PBSS4520X Datasheet
443Kb / 14P
   20 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 08
More results

Similar Description - PBSS4520X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4520X PHILIPS-PBSS4520X Datasheet
112Kb / 13P
   20 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS4520X NEXPERIA-PBSS4520X Datasheet
443Kb / 14P
   20 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5520X PHILIPS-PBSS5520X_15 Datasheet
208Kb / 13P
   PNP low VCEsat (BISS) transistor 20 V, 5 A
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5520X NEXPERIA-PBSS5520X Datasheet
446Kb / 14P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS5520X PHILIPS-PBSS5520X Datasheet
106Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com