Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH5902G-TL-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # CPH5902G-TL-E
Description  N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5902G-TL-E Datasheet(HTML) 4 Page - ON Semiconductor

  CPH5902G-TL-E Datasheet HTML 1Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 2Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 3Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 4Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 5Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 6Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 7Page - ON Semiconductor CPH5902G-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CPH5902
No.6962-4/8
[FET]
[FET]
Crss -- VDS
ITR10372
NF -- f
ITR10373
73
5
10
1.0
2
10
2
35
7
7
5
3
2
1.0
7
VGS=0V
f=1MHz
10
8
6
4
2
0.01
2
0.1
1.0
10
100
0
35 7
2 35 7
2 35 7
2 35 7
VDS=5V
ID=1mA
Rg=1k
Ω
Drain-to-Source Voltage, VDS -- V
Frequency, f -- kHz
50
30
20
40
10
0
0
0.4
1.0
0.8
0.6
0.2
IC -- VCE
[TR]
[TR]
50
μA
100
μA
150μA
200μA
250μA
300μA
350μ
A
400μ
A
450μ
A
ITR10376
020
50
40
10
30
IC -- VCE
ITR10377
12
10
6
4
8
2
0
IB=0μA
10
μA
15
μA
20
μA
25
μA
30
μA
35
μA
40
μA
45
μA
50μA
5
μA
IB=0μA
[FET]
[FET]
NF -- Rg
ITR10374
PD -- Ta
10
8
6
4
2
0.1
2
1.0
10
100
1000
0
3
5 72 3
5 72 3
5 72 3
5 7
VDS=5V
ID=1mA
f=1kHz
Signal Source Resistance, Rg -- k
Ω
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IT09864
400
300
200
50
100
350
250
150
0
0
20
40
60
80
100
160
120
140
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)
[TR]
[TR]
Ta=75
°C
--25
°C
100
3
2
7
5
1000
2
7
5
3
0.1
3
25
1.0
3
23
25
100
3
2
5
10
hFE -- IC
25
°C
VCE=6V
ITR10379
160
120
140
20
80
100
40
60
0
VCE=6V
0
0.2
0.4
0.8
0.6
1.0
1.4
1.2
IC -- VBE
ITR10378
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA


Similar Part No. - CPH5902G-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5902G-TL-E SANYO-CPH5902G-TL-E Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results

Similar Description - CPH5902G-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
CPH5901 ONSEMI-CPH5901 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com