Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5130T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS5130T
Description  30 V; 1 A PNP low VCEsat (BISS) transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5130T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS5130T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 10Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NXP Semiconductors
PBSS5130T
30 V; 1 A PNP low VCEsat (BISS) transistor
PBSS5130T
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
9 July 2013
7 / 11
13. Soldering
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3×)
0.6
(3×)
0.6
(3×)
0.7
(3×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm
Fig. 8. Reflow soldering footprint for TO-236AB (SOT23)
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2×)
1.2
(2×)
2.2
2.6
Dimensions in mm
Fig. 9. Wave soldering footprint for TO-236AB (SOT23)


Similar Part No. - PBSS5130T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
   30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS5130T PHILIPS-PBSS5130T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results

Similar Description - PBSS5130T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5130QA NEXPERIA-PBSS5130QA Datasheet
726Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
   30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS5130QA NXP-PBSS5130QA Datasheet
244Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com