Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN7260A Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN7260A
Description  Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7260A Datasheet(HTML) 4 Page - ON Semiconductor

  EN7260A Datasheet HTML 1Page - ON Semiconductor EN7260A Datasheet HTML 2Page - ON Semiconductor EN7260A Datasheet HTML 3Page - ON Semiconductor EN7260A Datasheet HTML 4Page - ON Semiconductor EN7260A Datasheet HTML 5Page - ON Semiconductor EN7260A Datasheet HTML 6Page - ON Semiconductor EN7260A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CPH6121
No.7260-4/7
0
0
20
40
60
80
100
120
1.0
0.8
0.6
0.4
0.2
1.2
1.3
1.4
140
160
PC -- Ta
--0.1
--1.0
--10
--0.01
2
3
5
7
2
3
5
2
7
5
3
IT04553
IT04552
ASO
--0.1
23
5
7 --1.0
23
5
7
--10
2
2
3
5
7
2
VBE(sat) -- IC
IT04551
--0.1
--1.0
--0.01
--0.1
23
5
7
--1.0
23
5
7
23
5
7
IC / IB=50
25
°C
Ta=75°C
--25°C
7
IC= --3A
ICP= --5A
<100
μs
1ms
10ms
100ms
DC
operation
500
μ
s
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
Mounted
on
a
ceramic
board(600mm
2
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
✕0.8mm)


Similar Part No. - EN7260A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
EN7225B ONSEMI-EN7225B Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
logo
Sanyo Semicon Device
EN7232A SANYO-EN7232A Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
EN7280A SANYO-EN7280A Datasheet
349Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Applications
EN7280A SANYO-EN7280A Datasheet
349Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Applications
More results

Similar Description - EN7260A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
   Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com