Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA1163-G Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTA1163-G
Description  Packaged LEDS/PCB Mount Indicators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTA1163-G Datasheet(HTML) 1 Page - Marktech Corporate

  MTA1163-G Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
385
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
P
PP
P
Pac
ac
ac
ac
acka
ka
ka
ka
kaggggged LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indicator
tor
tor
tor
torsssss
• T-1 right angle PCB mount LED
• Diffused lens
• Stackable end to end
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MTA1163-YG
(Y)
30
5.0
85
-25~+60
-25~+60
(G)
30
5.0
85
-25~+60
-25~+60
MTA1163-HRG
(HR)
30
5.0
85
-25~+60
-25~+60
(G)
30
5.0
85
-25~+60
-25~+60
MTA1163-GHR
(G)
30
5.0
85
-25~+60
-25~+60
(HR)
30
5.0
85
-25~+60
-25~+60
MTA2063-G
30
5.0
85
-25~+60
-25~+60
MTA2063-Y
30
5.0
85
-25~+60
-25~+60
MTA2063-HR
30
5.0
85
-25~+60
-25~+60
PART NO.
MATERIAL
LENS COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MTA1163-YG
(Y)
GaAsP/GaP
Yellow Diff
36°
4.4
25.0
20
2.1
3.0
20
100
5
585
(G)
GaP
Green Diff
36°
5.4
40.0
20
2.1
3.0
20
100
5
567
MTA1163-HRG
(HR)
GaAsP/GaP
Red Diff
36°
6.2
35.0
20
2.1
3.0
20
100
5
635
(G)
GaP
Green Diff
36°
5.4
40.0
20
2.1
3.0
20
100
5
567
MTA1163-GHR
(G)
GaP
Green Diff
36°
5.4
40.0
20
2.1
3.0
20
100
5
567
(HR)
GaAsP/GaP
Red Diff
36°
6.2
35.0
20
2.1
3.0
20
100
5
635
MTA2063-G
GaP
Green Diff
36°
5.4
40.0
20
2.1
3.0
20
100
5
567
MTA2063-Y
GaAsP/GaP
Yellow Diff
36°
4.4
25.0
20
2.1
3.0
20
100
5
585
MTA2063-HR
GaAsP/GaP
Red Diff
36°
6.2
35.0
20
2.1
3.0
20
100
5
635


Similar Part No. - MTA1163-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA1163-GHR MARKTECH-MTA1163-GHR Datasheet
37Kb / 2P
   Marktech RT Angle Dual Stack PCB MT 3mm LEDs
More results

Similar Description - MTA1163-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1164S3-RG MARKTECH-MT1164S3-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1163S2-RG MARKTECH-MT1163S2-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1164S2-RG MARKTECH-MT1164S2-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators?
MT1164GS4-RG MARKTECH-MT1164GS4-RG Datasheet
75Kb / 1P
   Packaged LEDS/PCB Mount Indicators?
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com