Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5160U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS5160U
Description  60 V, 1 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5160U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS5160U_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 10Page - NXP Semiconductors PBSS5160U_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PBSS5160U_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 2 October 2008
7 of 14
NXP Semiconductors
PBSS5160U
60 V, 1 A PNP low VCEsat (BISS) transistor
VCE = −5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 5.
DC current gain as a function of collector
current; typical values
Fig 6.
Collector current as a function of
collector-emitter voltage; typical values
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 7.
Base-emitter voltage as a function of collector
current; typical values
Fig 8.
Base-emitter saturation voltage as a function
of collector current; typical values
006aaa474
200
400
600
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa478
VCE (V)
0
−5
−3
−1
−2
−4
−0.8
−1.2
−0.4
−1.6
−2.0
IC
(A)
0.0
IB (mA) = −35.0
−31.5
−28.0
−24.5
−21.0
−17.5
−14.0
−10.5
−7.0
−3.5
006aaa476
−0.6
−0.4
−0.8
−1.0
VBE
(V)
−0.2
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa477
−0.5
−0.7
−0.3
−0.9
−1.1
VBEsat
(V)
−0.1
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)


Similar Part No. - PBSS5160U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5160U NXP-PBSS5160U Datasheet
133Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
More results

Similar Description - PBSS5160U_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
NXP Semiconductors
PBSS5160K NXP-PBSS5160K Datasheet
124Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-6 October 2008
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS Datasheet
143Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-28 June 2005
PBSS5160V NXP-PBSS5160V Datasheet
153Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5160U NXP-PBSS5160U Datasheet
133Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
PBSS5160QA NXP-PBSS5160QA Datasheet
264Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T PHILIPS-PBSS5160T_15 Datasheet
154Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com