Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6531 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH6531
Description  Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6531 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH6531 Datasheet HTML 1Page - ON Semiconductor CPH6531 Datasheet HTML 2Page - ON Semiconductor CPH6531 Datasheet HTML 3Page - ON Semiconductor CPH6531 Datasheet HTML 4Page - ON Semiconductor CPH6531 Datasheet HTML 5Page - ON Semiconductor CPH6531 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
62012 TKIM/11007EA TIIM TC-00000426 No. A0521-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
CPH6531
Bipolar Transistor
–50V, –1A, Low VCE(sat) PNP Dual CPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Relay drivers, lamp drivers, motor drivers, flash
Features
Composite type with two PNP transistors contained in one package facilitating high-density mounting
The two chips contained are equivalent to the CPH3116
Ultrasmall package permitting applied sets to be small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
-50
V
Collector-to-Emitter Voltage
VCES
-50
V
Collector-to-Emitter Voltage
VCEO
-50
V
Emitter-to-Base Voltage
VEBO
-5
V
Collector Current
IC
-1.0
A
Collector Current (Pulse)
ICP
-2
A
Base Current
IB
-200
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm) 1unit
0.9
W
Total Power Dissipation
PT
When mounted on ceramic substrate (600mm2×0.8mm)
1.1
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-006
Ordering number : ENA0521A
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Emitter1
2 : Base1
3 : Collector2
4 : Emitter2
5 : Base2
6 : Collector1
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
5
6
1
4
23
TL
CPH6531-TL-E


Similar Part No. - CPH6531

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - CPH6531

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
   Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
   Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com