Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTAN4115-21C Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN4115-21C
Description  Marktech 1.50 8x8 Dot Matrix
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN4115-21C Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN4115-21C Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
450
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
1.5" 8x8 Dot Ma
1.5" 8x8 Dot Ma
1.5" 8x8 Dot Ma
1.5" 8x8 Dot Ma
1.5" 8x8 Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
· 1.5" 8x8 dot matrix
· Additional colors/materials available
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PINOUT 1
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1.
CATHODE ROW 5
1.
ANODE ROW 5
2.
CATHODE ROW 7
2.
ANODE ROW 7
3.
ANODE COLUMN 2
3.
CATHODE COLUMN 2
4.
ANODE COLUMN 3
4.
CATHODE COLUMN 3
5.
CATHODE ROW 8
5.
ANODE ROW 8
6.
ANODE COLUMN 5
6.
CATHODE COLUMN 5
7.
CATHODE ROW 6
7.
ANODE ROW 6
8.
CATHODE ROW 3
8.
ANODE ROW 3
9.
CATHODE ROW 1
9.
ANODE ROW 1
10.
ANODE COLUMN 4
10.
CATHODE COLUMN 4
11.
ANODE COLUMN 6
11.
CATHODE COLUMN 6
12.
CATHODE ROW 4
12
ANODE ROW 4
13.
ANODE COLUMN 1
13.
CATHODE COLUMN 1
14.
CATHODE ROW 2
14.
ANODE ROW 2
15.
ANODE COLUMN 7
15.
CATHODE COLUMN 7
16.
ANODE COLUMN 8
16.
CATHODE COLUMN 8
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(mcd)
typ.
max.
@mA
max.
@VR
typ. per
dot
@mA
MTAN2115-11A
567
GREEN
Grey
White
30
5
85
2.1
3.0
20
100
5
4.0
10
1
MTAN4115-11A
635
ORANGE
Grey
White
30
5
85
2.1
3.0
20
100
5
4.6
10
1
MTAN4115R-11A
635
ORANGE
Red
Red
30
5
85
2.1
3.0
20
100
5
4.6
10
1
MTAN7115M-11A
660
ULTRA RED
Black
White
30
4
70
1.7
2.2
20
100
4
18.0
10
1
MTAN2115-21C
567
GREEN
Grey
White
30
5
85
2.1
3.0
20
100
5
4.0
10
2
MTAN4115-21C
635
ORANGE
Grey
White
30
5
85
2.1
3.0
20
100
5
4.6
10
2
MTAN4115R-21C
635
ORANGE
Red
Red
30
5
85
2.1
3.0
20
100
5
4.6
10
2
MTAN7115M-21C
660
ULTRA RED
Black
White
30
4
70
1.7
2.2
20
100
4
18.0
10
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100.


Similar Part No. - MTAN4115-21C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN4111-11A MARKTECH-MTAN4111-11A Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111-21C MARKTECH-MTAN4111-21C Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111R-11A MARKTECH-MTAN4111R-11A Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111R-21C MARKTECH-MTAN4111R-21C Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
More results

Similar Description - MTAN4115-21C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN6415-CGHR MARKTECH-MTAN6415-CGHR Datasheet
52Kb / 1P
   Marktech 1.50 8x8 Bi−Color Dot Matrix
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
MTAN7185M2-11BW MARKTECH-MTAN7185M2-11BW Datasheet
86Kb / 1P
   Marktech 0.85 8x8 Dot Matrix
logo
LightKey Optoelectronic...
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN6313-AHRG MARKTECH-MTAN6313-AHRG Datasheet
57Kb / 1P
   Marktech 1.20 8x8 Bi−Color Dot Matrix
MTAN6323-AHRG MARKTECH-MTAN6323-AHRG Datasheet
49Kb / 1P
   Marktech 2.30 8x8 Bi−Color Dot Matrix
MTAN6319-AHRG MARKTECH-MTAN6319-AHRG Datasheet
73Kb / 1P
   Marktech 1.90 8x8 Bi−Color Dot Matrix
MTAN6385-AHRG MARKTECH-MTAN6385-AHRG Datasheet
49Kb / 1P
   Marktech 0.85 8x8 Bi−Color Dot Matrix
logo
LightKey Optoelectronic...
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM15088ABRG LIGHTKEY-LM15088ABRG Datasheet
212Kb / 3P
   LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com