Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0521A Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA0521A
Description  Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0521A Datasheet(HTML) 5 Page - ON Semiconductor

  ENA0521A Datasheet HTML 1Page - ON Semiconductor ENA0521A Datasheet HTML 2Page - ON Semiconductor ENA0521A Datasheet HTML 3Page - ON Semiconductor ENA0521A Datasheet HTML 4Page - ON Semiconductor ENA0521A Datasheet HTML 5Page - ON Semiconductor ENA0521A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPH6531
No. A0521-5/6
Outline Drawing
Land Pattern Example
CPH6531-TL-E
Mass (g) Unit
0.015
* For reference mm
Unit: mm
0.6
0.95
0.95


Similar Part No. - ENA0521A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0529 SANYO-ENA0529 Datasheet
57Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA0521A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
   Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
   Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com