Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5250T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5250T
Description  PNP low VCEsat (BISS) transistor 50 V, 2 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5250T Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5250T_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5250T_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 Oct 09
3
NXP Semiconductors
Product data sheet
50 V, 2 A
PNP low VCEsat (BISS) transistor
PBSS5250T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pad for collector 1 cm2.
THERMAL CHARACTERISTICS
Notes
1.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−50
V
VCEO
collector-emitter voltage
open base
−50
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−2
A
ICM
peak collector current
single peak
−3
A
IB
base current (DC)
−300
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
300
mW
Tamb ≤ 25 °C; note 2
480
mW
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
417
K/W
in free air; note 2
260
K/W


Similar Part No. - PBSS5250T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
   50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
More results

Similar Description - PBSS5250T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250T NEXPERIA-PBSS5250T Datasheet
329Kb / 8P
   50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
logo
NXP Semiconductors
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
   50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5250X PHILIPS-PBSS5250X_15 Datasheet
153Kb / 9P
   PNP low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
   50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
logo
NXP Semiconductors
PBSS5250X PHILIPS-PBSS5250X Datasheet
47Kb / 8P
   50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Jun 17
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com