Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4240X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS4240X
Description  40 V, 2 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4240X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS4240X_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4240X_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
PBSS4240X
40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4240X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
15 October 2012
6 / 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBEsat
base-emitter saturation
voltage
IC = 1 A; IB = 100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.2
V
VBEon
base-emitter turn-on
voltage
VCE = 5 V; IC = 1 A; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.1
V
fT
transition frequency
VCE = 10 V; IC = 50 mA; f = 100 MHz;
Tamb = 25 °C
150
-
-
MHz
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
10
pF
006aad159
400
800
1200
hFE
0
IC (mA)
1
104
103
10
102
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 5. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
4
2
3
1
006aad160
0.8
1.2
0.4
1.6
2.0
IC
(A)
0
IB = 15 mA 12
9
6
4.5
3
1.5
Tamb = 25 °C
Fig. 6. Collector current as a function of collector-
emitter voltage; typical values


Similar Part No. - PBSS4240X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4240X NEXPERIA-PBSS4240X Datasheet
676Kb / 12P
   40 V, 2 A NPN low VCEsat (BISS) transistor
More results

Similar Description - PBSS4240X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
   40 V, 2 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4240T NXP-PBSS4240T Datasheet
270Kb / 7P
   40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4240Z PHILIPS-PBSS4240Z_15 Datasheet
217Kb / 14P
   40 V, 2 A NPN low VCEsat (BISS) transistor
16 October 2014
PBSS4240T PHILIPS-PBSS4240T_15 Datasheet
270Kb / 7P
   40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
logo
Nexperia B.V. All right...
PBSS4240X NEXPERIA-PBSS4240X Datasheet
676Kb / 12P
   40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
   40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
logo
NXP Semiconductors
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4440D NEXPERIA-PBSS4440D Datasheet
303Kb / 14P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com