Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMG2DXV5T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # EMG2DXV5T5G
Description  Dual Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMG2DXV5T5G Datasheet(HTML) 2 Page - ON Semiconductor

  EMG2DXV5T5G Datasheet HTML 1Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 2Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 3Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 4Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 5Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 6Page - ON Semiconductor EMG2DXV5T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EMG2DXV5, EMG5DXV5
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
EMG2DXV5
SOT−553
UP
47
47
EMG5DXV5
SOT−553
UF
10
47
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (Q1 & Q2)
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) EMG2DXV5
EMG5DXV5
IEBO
0.1
0.2
mAdc
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Q1 & Q2) (Note 3)
DC Current Gain (VCE = 10 V, IC = 5.0 mA)
EMG2DXV5
EMG5DXV5
hFE
80
80
140
140
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
EMG2DXV5
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
EMG5DXV5
VOL
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
EMG2DXV5
EMG5DXV5
R1
32.9
7.0
47
10
61.1
13
kW
Resistor Ratio
EMG2DXV5
EMG5DXV5
R1/R2
0.8
0.17
1.0
0.21
1.2
0.25
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
Figure 1. Derating Curve
350
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 370°C/W
250
300


Similar Part No. - EMG2DXV5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMG2DXV5T5G ONSEMI-EMG2DXV5T5G Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
More results

Similar Description - EMG2DXV5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com